Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD-4702/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HD-4702/883
Description  CMOS Programmable Bit Rate Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-4702/883 Datasheet(HTML) 3 Page - Intersil Corporation

  HD-4702/883 Datasheet HTML 1Page - Intersil Corporation HD-4702/883 Datasheet HTML 2Page - Intersil Corporation HD-4702/883 Datasheet HTML 3Page - Intersil Corporation HD-4702/883 Datasheet HTML 4Page - Intersil Corporation HD-4702/883 Datasheet HTML 5Page - Intersil Corporation HD-4702/883 Datasheet HTML 6Page - Intersil Corporation HD-4702/883 Datasheet HTML 7Page - Intersil Corporation HD-4702/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Typical Derating Factor . . . . . . . . . . . . 1mA/MHz Increase in ICCOP
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance, (Typical, Note 3)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package . . . . . . . . . . . . . .
78
23
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 720 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
DC PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
(oC)
MIN
MAX
UNITS
Input High Voltage
VIH
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
VCC 70%
-
V
Input Low Voltage
VIL
VCC = 4.5V
1, 2, 3
-55
≤ TA ≤ 125
-
VCC 30%
V
Output High Voltage
VOH1
IOH ≤ -1µA, VCC = 4.5V,
(Note 4)
1, 2, 3
-55
≤ TA ≤ 125
VCC -0.1
-
V
Output Low Voltage
VOL1
IOL ≤ +1µA, VCC = 4 5V,
(Note 4)
1, 2, 3
-55
≤ TA ≤ 125
-
0.1
V
Input High Current
IIH
VIN =VCC. All Other Pins = 0V,
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-1
+1
µA
Input Low Current
(IX Input)
IILX
VIN = 0V, All Other Pins = VCC,
VCC = 5.5V
1, 2, 3
-55
≤ TA ≤ 125
-1
+1
µA
Input Low Current
(All Other Inputs)
IlL
VIN = 0V All Other Pins = VCC,
VCC = 5.5V (Note 5)
1, 2, 3
-55
≤ TA ≤ 125
-
-100
µA
Output High Current
(OX)
IOHX
VOUT =VCC -0.5, VCC = 4.5V
Input at 0V or VCC per Logic
Function or Truth Table
1, 2, 3
-55
≤ TA ≤ 125
-0.1
-
mA
Output High Current
(All Other Outputs)
IOH1
VOUT = 2.5V, VCC = 4.5V
Input at 0V or VCC per Logic
Function or Truth Table
1, 2, 3
-55
≤ TA ≤ 125
-1.0
-
mA
Output High Current
(All Other Outputs)
IOH2
VOUT = VCC -0.5, VCC = 4.5V
Input at 0V or VCC per Logic
Function or Truth Table
1, 2, 3
-55
≤ TA ≤ 125
-0.3
-
mA
Output Low Current
(OX)
IOLX
VOUT = 0.4V, VCC = 4.5V
Input at 0V or VCC per Logic
Function or Truth Table
1, 2, 3
-55
≤ TA ≤ 125
0.1
-
mA
Output Low Current
(All Other Outputs)
IOL
VOUT = 0.4V, VCC = 4.5V
Input at 0V or VCC per Logic
Function or Truth Table
1, 2, 3
-55
≤ TA ≤ 125
1.6
-
mA
HD-4702/883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com