Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C1853CT Datasheet(PDF) 48 Page - NEC

Part # C1853CT
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

C1853CT Datasheet(HTML) 48 Page - NEC

Back Button C1853CT Datasheet HTML 44Page - NEC C1853CT Datasheet HTML 45Page - NEC C1853CT Datasheet HTML 46Page - NEC C1853CT Datasheet HTML 47Page - NEC C1853CT Datasheet HTML 48Page - NEC C1853CT Datasheet HTML 49Page - NEC C1853CT Datasheet HTML 50Page - NEC C1853CT Datasheet HTML 51Page - NEC C1853CT Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
(1)
µPC1853CT-01 Volume control, tone control block (4/9)
Parameter
Symbol
Test conditions
Subaddress
Data
D7 D6 D5 D4 D3 D2 D1 D0
L, R in-phase gain difference 1 (1)
DG11
Channel to channel error = 20 log
R1 output
– ATTVL11
01
01111
1
1
1
R input
R1 output: Output signal level of pin 13.
R input: Input signal level of pin 27.
ATTVL11: Gain of the Volume attenuation 1 (1).
Pin 26: No signal (Connect to GND with an input coupling capacitor).
Pin 27: Input SIN wave (1 kHz, 0.5 Vrms).
L, R in-phase gain difference 1 (2)
DG12
Channel to channel error = 20 log
R1 output
– ATTVL12
01100
0
0
0
R input
R1 output: Output signal level of pin 13.
R input: Input signal level of pin 27.
ATTVL12: Gain of the Volume attenuation 1 (2).
Pin 26: No signal (Connect to GND with an input coupling capacitor).
Pin 27: Input SIN wave (1 kHz, 0.5 Vrms).
L, R in-phase gain difference 2 (1)
DG21
Channel to channel error = 20 log
R2 output
– ATTVL21
06
01111
1
1
1
R input
R2 output: Output signal level of pin 16.
R input: Input signal level of pin 27.
ATTVL21: Gain of the Volume attenuation 2 (1).
Pin 26: No signal (Connect to GND with an input coupling capacitor).
Pin 27: Input SIN wave (1 kHz, 0.5 Vrms).
L, R in-phase gain difference 2 (2)
DG22
Channel to channel error = 20 log
R2 output
– ATTVL22
01100
0
0
0
R input
R2 output: Output signal level of pin 16.
R input: Input signal level of pin 27.
ATTVL22: Gain of the Volume attenuation 2 (2).
Pin 26: No signal (Connect to GND with an input coupling capacitor).
Pin 27: Input SIN wave (1 kHz, 0.5 Vrms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com