Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD73411 Datasheet(PDF) 21 Page - Analog Devices

Part # AD73411
Description  Low-Power Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73411 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD73411_15 Datasheet HTML 17Page - Analog Devices AD73411_15 Datasheet HTML 18Page - Analog Devices AD73411_15 Datasheet HTML 19Page - Analog Devices AD73411_15 Datasheet HTML 20Page - Analog Devices AD73411_15 Datasheet HTML 21Page - Analog Devices AD73411_15 Datasheet HTML 22Page - Analog Devices AD73411_15 Datasheet HTML 23Page - Analog Devices AD73411_15 Datasheet HTML 24Page - Analog Devices AD73411_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
REV. 0
AD73411
–21–
In Cascade Mode, each device must know the number of devices
in the cascade because the Data and Mixed modes use a method
of counting input frame sync pulses to decide when they should
update the DAC register from the serial input register. Control
Register A contains a 3-bit field (DC0–2) that is programmed
by the DSP during the programming phase. The default condi-
tion is that the field contains 000b, which is equivalent to a
single device in cascade (see Table XVI). For cascade operation,
however this field must contain a binary value that is one less
than the number of devices in the cascade.
Table XVI. Device Count Settings
DC2
DC1
DC0
Cascade Length
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
FUNCTIONAL DESCRIPTION—DSP
The AD73411 instruction set provides flexible data moves and
multifunction (one or two data moves with a computation)
instructions. Every instruction can be executed in a single pro-
cessor cycle. The AD73411 assembly language uses an algebraic
syntax for ease of coding and readability. A comprehensive set
of development tools supports program development.
EXTERNAL
ADDRESS
BUS
HOST MODE
SERIAL PORTS
SPORT 0
SHIFTER
MAC
ALU
ARITHMETIC UNITS
MEMORY
PROGRAMMABLE
I/O
AND
FLAGS
BYTE DMA
CONTROLLER
TIMER
ADSP-2100 BASE
ARCHITECTURE
POWER-DOWN
CONTROL
PROGRAM
SEQUENCER
DAG 2
DATA
ADDRESS
GENERATORS
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
INTERNAL
DMA
PORT
DAG 1
16K DM
(OPTIONAL
8K)
16K PM
(OPTIONAL
8K)
EXTERNAL
DATA
BUS
FULL MEMORY
MODE
OR
EXTERNAL
DATA
BUS
SPORT 1
SERIAL PORT
SPORT 2
REF
ADC1
DAC1
ANALOG FRONT END
SECTION
Figure 12. Functional Block Diagram
Figure 12 is an overall block diagram of the AD73411. The
processor contains three independent computational units: the
ALU, the multiplier/accumulator (MAC) and the shifter. The
computational units process 16-bit data directly and have provi-
sions to support multiprecision computations. The ALU performs
a standard set of arithmetic and logic operations; division primi-
tives are also supported. The MAC performs single-cycle multiply,
multiply/add and multiply/subtract operations with 40 bits of
accumulation. The shifter performs logical and arithmetic shifts,
normalization, denormalization and derive exponent operations.
The shifter can be used to efficiently implement numeric
format control including multiword and block floating-point
representations.
The internal result (R) bus connects the computational units so
that the output of any unit may be the input of any unit on the
next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these com-
putational units. The sequencer supports conditional jumps,
subroutine calls and returns in a single cycle. With internal loop
counters and loop stacks, the AD73411 executes looped code
with zero overhead; no explicit jump instructions are required to
maintain loops.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches (from data memory and
program memory). Each DAG maintains and updates four
address pointers. Whenever the pointer is used to access data
(indirect addressing), it is post-modified by the value of one of
four possible modify registers. A length value may be associated
with each pointer to implement automatic modulo addressing
for circular buffers.
Efficient data transfer is achieved with the use of five internal
buses:
• Program Memory Address (PMA) Bus
• Program Memory Data (PMD) Bus
• Data Memory Address (DMA) Bus
• Data Memory Data (DMD) Bus
• Result (R) Bus
The two address buses (PMA and DMA) share a single external
address bus, allowing memory to be expanded off-chip, and the
two data buses (PMD and DMD) share a single external data
bus. Byte memory space and I/O memory space also share the
external buses.
Program memory can store both instructions and data, permitting
the AD73411 to fetch two operands in a single cycle, one from
program memory and one from data memory. The AD73411
can fetch an operand from program memory and the next in-
struction in the same cycle.
In lieu of the address and data bus for external memory connec-
tion, the AD73411 may be configured for 16-bit Internal DMA
port (IDMA port) connection to external systems. The IDMA
port is made up of 16 data/address pins and five control pins.
The IDMA port provides transparent, direct access to the DSPs
on-chip program and data RAM.
An interface to low-cost byte-wide memory is provided by the
Byte DMA port (BDMA port). The BDMA port is bidirectional
and can directly address up to four megabytes of external RAM
or ROM for off-chip storage of program overlays or data tables.
The byte memory and I/O memory space interface supports slow
memories and I/O memory-mapped peripherals with program-
mable wait state generation. External devices can gain control of
external buses with bus request/grant signals (
BR, BGH, and
BG). One execution mode (Go Mode) allows the AD73411 to
continue running from on-chip memory. Normal execution
mode requires the processor to halt while buses are granted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com