| Electronic Components Datasheet Search |
|
ADAV801 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 60 page ![]() ADAV801 Rev. A | Page 19 of 60 SAMPLE RATE CONVERTER (SRC) FUNCTIONAL OVERVIEW During asynchronous sample rate conversion, data can be converted at the same sample rate or at different sample rates. The simplest approach to an asynchronous sample rate conversion is to use a zero-order hold between the two samplers, as shown in Figure 29. In an asynchronous system, T2 is never equal to T1, nor is the ratio between T2 and T1 rational. As a result, samples at fS_OUT are repeated or dropped, producing an error in the resampling process. The frequency domain shows the wide side lobes that result from this error when the sampling of fS_OUT is convolved with the attenuated images from the sin(x)/x nature of the zero-order hold. The images at fS_IN (dc signal images) of the zero-order hold are infinitely attenuated. Because the ratio of T2 to T1 is an irrational number, the error resulting from the resampling at fS_OUT can never be eliminated. The error can be significantly reduced, however, through interpolation of the input data at fS_IN. Therefore, the sample rate converter in the ADAV801 is conceptually interpolated by a factor of 220. ZERO-ORDER HOLD fS_IN = 1/T1 fS_OUT = 1/T2 OUT IN ORIGINAL SIGNAL SAMPLED AT fS_IN SIN(X)/X OF ZERO-ORDER HOLD SPECTRUM OF ZERO-ORDER HOLD OUTPUT SPECTRUM OF fS_OUT SAMPLING fS_OUT 2 × fS_OUT FREQUENCY RESPONSE OF fS_OUT CONVOLVED WITH ZERO-ORDER HOLD SPECTRUM Figure 29. Zero-Order Hold Used by fS_ OUT to Resample Data from fS_IN Conceptual High Interpolation Model Interpolation of the input data by a factor of 220 involves placing (220 − 1) samples between each fS_IN sample. Figure 30 shows both the time domain and the frequency domain of interpolation by a factor of 220. Conceptually, interpolation by 220 involves the steps of zero-stuffing (220 − 1) number of samples between each fS_IN sample and convolving this interpolated signal with a digital low-pass filter to suppress the images. In the time domain, it can be seen that fS_OUT selects the closest fS_IN × 220 sample from the zero-order hold, as opposed to the nearest fS_IN sample in the case of no interpolation. This significantly reduces the resampling error. fS_IN fS_OUT OUT IN INTERPOLATE BY N LOW-PASS FILTER ZERO-ORDER HOLD TIME DOMAIN OF fS_IN SAMPLES TIME DOMAIN OUTPUT OF THE LOW-PASS FILTER TIME DOMAIN OF fS_OUT RESAMPLING TIME DOMAIN OF THE ZERO-ORDER HOLD OUTPUT Figure 30. SRC Time Domain In the frequency domain shown in Figure 31, the interpolation expands the frequency axis of the zero-order hold. The images from the interpolation can be sufficiently attenuated by a good low-pass filter. The images from the zero-order hold are now pushed by a factor of 220 closer to the infinite attenuation point of the zero-order hold, which is fS_IN × 220. The images at the zero-order hold are the determining factor for the fidelity of the output at fS_OUT. fS_IN fS_IN 220 × fS_IN 220 × fS_IN 220 × fS_IN fS_OUT OUT IN INTERPOLATE BY N LOW-PASS FILTER ZERO-ORDER HOLD FREQUENCY DOMAIN OF SAMPLES AT fS_IN FREQUENCY DOMAIN OF THE INTERPOLATION FREQUENCY DOMAIN OF fS_OUT RESAMPLING FREQUENCY DOMAIN AFTER RESAMPLING SIN(X)/X OF ZERO-ORDER HOLD Figure 31. Frequency Domain of the Interpolation and Resampling |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |