Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAV802 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 28Page - Analog Devices ADAV802_15 Datasheet HTML 29Page - Analog Devices ADAV802_15 Datasheet HTML 30Page - Analog Devices ADAV802_15 Datasheet HTML 31Page - Analog Devices ADAV802_15 Datasheet HTML 32Page - Analog Devices ADAV802_15 Datasheet HTML 33Page - Analog Devices ADAV802_15 Datasheet HTML 34Page - Analog Devices ADAV802_15 Datasheet HTML 35Page - Analog Devices ADAV802_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
ADAV802
Preliminary Technical Data
Rev. Pr G | Page 32 of 53
Table 34. Receiver Configuration 2 Register
SP_PLL_
NO NON-
NO_
RxMUTE
SP-PLL
SEL1-0
RES
RES
AUDIO
VALIDITY
7
6
5,4
3
2
1
0
ADDRESS = 0001010
RxMUTE
Hard Mutes the Audio Output for the AES3/SPDIF Receiver
0 = AES3/SPDIF Receiver is not muted
1 = AES3/SPDIF Receiver is muted
SP_PLL
The AES3/SPDIF Receiver PLL will accept a Left/Right Clock from one of the four serial ports as the PLL
reference clock
0 = Left/Right Clock generated from the AES3/SPDIF preambles is the reference clock to the PLL
1 = Left/Right Clock from one of the serial ports is the reference clock to the PLL
SP_PLL_SEL1-0 Selects one of the four serial ports as the reference clock to the PLL when SP_PLL is set
00 = Playback Port is selected
01 = Auxiliary Input Port is selected
10 = Record Port is selected
11 = Auxiliary Output Port is selected
NO
NONAUDIO
When the NONAUDIO bit is set, data from the AES3/SPDIF Receiver will not be allowed into the Sample Rate
Converter (SRC). If the NONAUDIO data is due to DTS, AAC, etc. as defined by the IEC61937 standard, then the
data from the AES3/SPDIF Receiver will not be allowed into the SRC regardless of the state of this bit
0 = AES3/SPDIF Receiver data will be sent to the SRC
1 = Data fro the AES3/SPDIF Receiver will not be allowed into the SRC if the NONAUDIO bit is set
NO_VALIDITY
When the VALIDITY bit is set data from the AES3/SPDIF Receiver will not be allowed into the SRC
0 = AES3/SPDIF Receiver data will be sent to the SRC
1 = Data from the AES3/SPDIF Receiver will not be allowed into the SRC if the VALIDITY bit is set
Table 35. Receiver Buffer Configuration Register
RES
RES
RxBCONF5
RxBCONF4
RxBCONF3
RxBCONF2-1
RxBCONF0
7
6
5
4
3
2,1
0
ADDRESS = 0001011
RxBCONF5
If the user bits are formatted according to the IEC60958-3 standard and the DAT Category is detected, the
User Bit interrupt is only enabled when there is a change in the Start (ID) bit.
0 = The User Bit interrupt is enabled in the normal mode.
1 = If the DAT category is detected, the User bit interrupt is only enabled if there is a change in the Start (ID)
bit
RxBCONF4
This bit determines whether Channel A and Channel B User Bits are stored in the buffer together or
separated between A and B
0 = The User Bits are stored together
1 = The User Bits are stored separately
RxBCONF3
Defines the function of RxCSBINT
0 = RxCSBINT will be set when a new block of receiver channel status is read, which is 192 audio frames
1 = RxCSBINT will be set only if the first five bytes of the receiver channel status block changes from the
previous channel status block
RxBCONF2-1
Defines the User Bit Buffer
00 = User Bits are ignored
01 = Update the second user bit buffer when the first user bit buffer is full
10 = Format the received user bits according to byte 1, bits 4-7, of the channel status if the PRO bit is set. If
the PRO bit is not set format the user bits according to the IEC60958-3 standard
11 = Reserved
RxBCONF0
Defines the User Bit buffer size if RxBCONF2-1 = 01
0 = 384 Bits with Preamble-Z as the start of the buffer
1 = 768 Bits with Preamble-Z as the start of the buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com