Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7755 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7755
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7755 Datasheet(HTML) 4 Page - Analog Devices

  ADE7755_15 Datasheet HTML 1Page - Analog Devices ADE7755_15 Datasheet HTML 2Page - Analog Devices ADE7755_15 Datasheet HTML 3Page - Analog Devices ADE7755_15 Datasheet HTML 4Page - Analog Devices ADE7755_15 Datasheet HTML 5Page - Analog Devices ADE7755_15 Datasheet HTML 6Page - Analog Devices ADE7755_15 Datasheet HTML 7Page - Analog Devices ADE7755_15 Datasheet HTML 8Page - Analog Devices ADE7755_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADE7755
Rev. A | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
AVDD
4.75
V
5 V − 5%
5.25
V
5 V + 5%
DVDD
4.75
V
5 V − 5%
5.25
V
5 V + 5%
AIDD
3
mA
Typically 2 mA
DIDD
2.5
mA
Typically 1.5 mA
1 See the Terminology section.
2 See the Typical Performance Characteristics section for the plots.
3 Sample tested during initial release and after any redesign or process change that may affect this parameter.
TIMING CHARACTERISTICS
AVDD = DVDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 3.58 MHz, TMIN to TMAX = −40°C to +85°C.
Table 2.
Parameter1, 2
Specification
Unit
Test Conditions/Comments
t13
275
ms
F1 and F2 pulse width (logic low)
t2
See Table 7
sec
Output pulse period; see the Transfer Function section
t3
1/2 t2
sec
Time between F1 falling edge and F2 falling edge
t43, 4
90
ms
CF pulse width (logic high)
t5
See Table 8
sec
CF pulse period; see the Transfer Function section
t6
CLKIN/4
sec
Minimum time between F1 and F2 pulse
1 Sample tested during initial release and after any redesign or process change that may affect this parameter.
2 See Figure 2.
3 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Frequency Outputs section.
4 The CF pulse is always 18 μs in the high frequency mode. See the Frequency Outputs section and Table 8.
F1
F2
CF
t1
t5
t4
t2
t6
t3
Figure 2. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com