Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7756 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 4Page - Analog Devices ADE7756_15 Datasheet HTML 5Page - Analog Devices ADE7756_15 Datasheet HTML 6Page - Analog Devices ADE7756_15 Datasheet HTML 7Page - Analog Devices ADE7756_15 Datasheet HTML 8Page - Analog Devices ADE7756_15 Datasheet HTML 9Page - Analog Devices ADE7756_15 Datasheet HTML 10Page - Analog Devices ADE7756_15 Datasheet HTML 11Page - Analog Devices ADE7756_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. 0
ADE7756
–8–
Pin No.
Mnemonic
Description
17
CS
Chip Select. Part of the 4-Wire SPI Serial Interface. This active low logic input allows the ADE7756
to share the serial bus with several other devices—see Serial Interface section.
18
SCLK
Serial Clock Input for the Synchronous Serial Interface. All Serial data transfers are synchronized to
this clock. See Serial Interface section. The SCLK has a Schmitt-trigger input for use with a clock
source that has a slow edge transition time, e.g., opto-isolator outputs.
19
DOUT
Data Output for the Serial Interface. Data is shifted out at this pin on the rising edge of SCLK. This
logic output is normally in a high impedance state unless it is driving data onto the serial data bus—
see Serial Interface section.
20
DIN
Data Input for the Serial Interface. Data is shifted in at this pin on the falling edge of SCLK—see
Serial Interface section.
TERMINOLOGY
MEASUREMENT ERROR
The error associated with the energy measurement made by the
ADE7756 is defined by the following formula:
Percentage Error =
Energy
by ADE
True Energy
True Energy
Registered
7756
100
–
%


×
PHASE ERROR BETWEEN CHANNELS
The HPF (High-Pass Filter) in Channel 1 has a phase lead
response. To offset this phase response and equalize the phase
response between channels, a phase correction network is also
placed in Channel 1. The phase correction network ensures a
phase match between Channel 1 (current) and Channel 2 (volt-
age) to within
±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range 40 Hz to 1 kHz.
POWER SUPPLY REJECTION
This quantifies the ADE7756 measurement error as a percent-
age of reading when the power supplies are varied. For the ac
PSR measurement, a reading at nominal supplies (5 V) is taken.
A second reading is obtained with the same input signal levels
when an ac (175 mV rms/120 Hz) signal is introduced onto the
supplies. Any error introduced by this ac signal is expressed as a
percentage of reading—see Measurement Error definition above.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. A second reading is obtained with the same input
signal levels when the supplies are varied
±5%. Any error intro-
duced is again expressed as a percentage of reading.
ADC OFFSET ERROR
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND the ADCs still see a dc analog input signal. The magni-
tude of the offset depends on the gain and input range selection
—see Typical Performance Characteristics. However, when HPF1
is switched on the offset is removed from Channel 1 (current)
and the power calculation is not affected by this offset. The
offsets may be removed by performing an offset calibration—see
Analog Inputs section.
GAIN ERROR
The gain error in the ADE7756 ADCs is defined as the differ-
ence between the measured ADC output code (minus the offset)
and the ideal output code—see Channel 1 ADC and Channel 2
ADC section. It is measured for each of the input ranges on
Channel 1 (1 V, 0.5 V and 0.25 V ). The difference is expressed
as a percentage of the ideal code.
GAIN ERROR MATCH
The Gain Error Match is defined as the gain error (minus the
offset) obtained when switching between a gain of 1 (for each of
the input ranges) and a gain of 2, 4, 8, or 16. It is expressed as a
percentage of the output ADC code obtained under a gain of 1.
This gives the gain error observed when the gain selection is
changed from 1 to 2, 4, 8, or 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com