Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4001BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4001BCPZ
Description  200 MHz Clock Generator PLL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4001BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4001BCPZ Datasheet HTML 9Page - Analog Devices ADF4001BCPZ Datasheet HTML 10Page - Analog Devices ADF4001BCPZ Datasheet HTML 11Page - Analog Devices ADF4001BCPZ Datasheet HTML 12Page - Analog Devices ADF4001BCPZ Datasheet HTML 13Page - Analog Devices ADF4001BCPZ Datasheet HTML 14Page - Analog Devices ADF4001BCPZ Datasheet HTML 15Page - Analog Devices ADF4001BCPZ Datasheet HTML 16Page - Analog Devices ADF4001BCPZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
REV.
ADF4001
–13–
INITIALIZATION LATCH
When C2, C1 = 1, 1, the initialization latch is programmed.
This is essentially the same as the function latch (programmed
when C2, C1 = 1, 0).
However, when the initialization latch is programmed, there is
an additional internal reset pulse applied to the R and N counters.
This pulse ensures that the N counter is at a load point when
the N counter data is latched, and the device will begin counting
in close phase alignment.
If the latch is programmed for synchronous power-down (the CE
pin is high; PD1 bit is high; and PD2 bit is low), the internal
pulse also triggers this power-down. The oscillator input
buffer is unaffected by the internal reset pulse, so close phase
alignment is maintained when counting resumes.
When the first N counter data is latched after initialization, the
internal reset pulse is again activated. However, successive N
counter loads will not trigger the internal reset pulse.
DEVICE PROGRAMMING AFTER INITIAL POWER-UP
After initially powering up the device, there are three ways to
program the device.
Initialization Latch Method
Apply VDD.
Program the initialization latch (11 in 2 LSB of input word). Make
sure that F1 bit is programmed to 0.
Do an R load (00 in 2 LSBs).
Do an N load (01 in 2 LSBs).
When the initialization latch is loaded, the following occurs:
1. The function latch contents are loaded.
2. An internal pulse resets the R, N, and timeout counters to
load state conditions and also three-states the charge pump.
Note that the prescaler band gap reference and the oscillator
input buffer are unaffected by the internal reset pulse, allow-
ing close phase alignment when counting resumes.
3. Latching the first N counter data after the initialization word
will activate the same internal reset pulse. Successive N loads
will not trigger the internal reset pulse unless there is another
initialization.
CE Pin Method
Apply VDD.
Bring CE low to put the device into power-down. This is an
asynchronous power-down in that it happens immediately.
Program the function latch (10).
Program the R counter latch (00).
Program the N counter latch (01).
Bring CE high to take the device out of power-down. The R and
AB counters will now resume counting in close alignment.
Note that after CE goes high, a duration of 1
µs may be required
for the prescaler band gap voltage and oscillator input buffer
bias to reach steady state.
CE can be used to power the device up and down to check
for channel activity. The input register does not need to be
reprogrammed each time the device is disabled and enabled as
long as it has been programmed at least once after VDD was
initially applied.
Counter Reset Method
Apply VDD.
Do a function latch load (10 in 2 LSBs). As part of this, load 1
to the F1 bit. This enables the counter reset.
Do an R counter load (00 in 2 LSBs).
Do an N counter load (01 in 2 LSBs).
Do a function latch load (10 in 2 LSBs). As part of this, load 0
to the F1 bit. This disables the counter reset.
This sequence provides the same close alignment as the initial-
ization method. It offers direct control over the internal reset.
Note that counter reset holds the counters at load point and
three-states the charge pump but does not trigger synchronous
power-down. The counter reset method requires an extra func-
tion latch load compared to the initialization latch method.
APPLICATION
Extremely Stable, Low Jitter Reference Clock for GSM Base
Station Transmitter
Figure 7 shows the ADF4001 being used with a VCXO to pro-
duce an extremely stable, low jitter reference clock for a GSM
base station local oscillator (LO).
R DIVIDER
RFIN
PFD
CHARGE
PUMP
N DIVIDER
1
1
LOOP
FILTER
CP
VCXO
13MHz
SYSTEM
CLOCK
ADF4110
ADF4111
ADF4112
ADF4113
REFIN CP
RFINA
LOOP
FILTER
VCO
ADF4001
13MHz
RFIN
Figure 7. Low Jitter, Stable Clock Source for GSM Base
Station Local Oscillator Circuit
The system reference signal is applied to the circuit at REFIN.
Typical GSM systems would have a very stable OCXO as the
clock source for the entire base station. However, distribution of
this signal around the base station makes it susceptible to
noise and spurious pickup. It is also open to pulling from the
various loads it may need to drive.
The charge pump output of the ADF4001 (Pin 2 of the TSSOP)
drives the loop filter and the 13 MHz VCXO. The VCXO output
is fed back to the RF input of the ADF4001 and also drives the
reference (REFIN) for the LO. A T-circuit configuration provides
50
Ω matching between the VCXO output, the LO REFIN, and
the RFIN terminal of the ADF4001.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com