Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSM54LS1C1AHCRI Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM54LS1C1AHCRI
Description  3.5x2.8x1.9mm warm white smd led
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM54LS1C1AHCRI Datasheet(HTML) 1 Page - OptoSupply International

  OSM54LS1C1AHCRI Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m W
Wa
ar
rm
m W
Wh
hiitte
e S
SM
MD
D L
LE
ED
D
OSM54LS1C1A-HCRI
■
Features
■
Outline Dimension
●
High Luminous PLCC2 Top SMD LEDs
●
3
3..5
5x
x2
2..8
8x
x1
1..9
9mm Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Yellow Diffused Type
■
Applications
●
Backlighting (switches, keys, displays,
illuminated advertising etc.)
●
Substitution of Micro Incandescent Lamps
●
Reading Lamps / Emergency Lighting
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
1.9
1.
05
2.8
2.2
0.1Typ.
Cathode
Unit:mm
Tolerance:±0.20mm
■
Absolute Maximum Rating
(Ta=25
)
℃
℃
℃
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25
℃
℃
℃
℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Color Rendering Index
Ra
Ra
Ra
Ra
IF=20mA
95
-
-
Luminous Flux
*
Φv
IF=20mA
4.5
5.5
-
lm
Color Temperature
CCT
IF=20mA
-
3000
-
K
x
IF=20mA
-
0.43
-
Chromaticity
Coordinate*
y
IF=20mA
-
0.38
-
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Luminous Intensity Measurement allowance is
±15%
*2 Chromaticity Coordinates Measurement allowance is
±10%
LED & Application Technologies


Similar Part No. - OSM54LS1C1AHCRI

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM54LS1C1A-HCRI OPTOSUPPLY-OSM54LS1C1A-HCRI Datasheet
112Kb / 1P
3..5x2..8x1..9mm Warm Whiite SMD LED
More results

Similar Description - OSM54LS1C1AHCRI

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DAS1C1A OPTOSUPPLY-OSM5DAS1C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Warm White SMD LED
OSM5DLS1C1A OPTOSUPPLY-OSM5DLS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Warm White SMD LED
OSM5DLS3C1A OPTOSUPPLY-OSM5DLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Warm White Power Top SMD LED
OSM5XLS3C1H OPTOSUPPLY-OSM5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Warm White Power Top H SMD LED
OSM5DTS5C1A OPTOSUPPLY-OSM5DTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Warm White Top SMD LED
OSM57LS3C1A OPTOSUPPLY-OSM57LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Warm White SMD LED
OSM573S3C1A OPTOSUPPLY-OSM573S3C1A Datasheet
110Kb / 1P
3.5x2.8x1.9mm Warm White Power Top SMD LED
OSM5DLS1C1A OPTOSUPPLY-OSM5DLS1C1A_11 Datasheet
108Kb / 1P
3.5x2.8x1.9mm Warm White SMD
OSM54LS3C1A OPTOSUPPLY-OSM54LS3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Power Top Warm White SMD LED
OSM543S3C1A OPTOSUPPLY-OSM543S3C1A Datasheet
114Kb / 1P
3.5x2.8x1.9mm Warm White Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com