Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP6019 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6019
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6019 Datasheet HTML 6Page - Intersil Corporation HIP6019 Datasheet HTML 7Page - Intersil Corporation HIP6019 Datasheet HTML 8Page - Intersil Corporation HIP6019 Datasheet HTML 9Page - Intersil Corporation HIP6019 Datasheet HTML 10Page - Intersil Corporation HIP6019 Datasheet HTML 11Page - Intersil Corporation HIP6019 Datasheet HTML 12Page - Intersil Corporation HIP6019 Datasheet HTML 13Page - Intersil Corporation HIP6019 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2-261
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device over-voltage stress. Careful component
layout and printed circuit design minimizes the voltage
spikes in the converter. Consider, as an example, the turnoff
transition of the upper MOSFET. Prior to turnoff, the upper
MOSFET was carrying the full load current. During the
turnoff, current stops flowing in the upper MOSFET and is
picked up by the lower MOSFET or Schottky diode. Any
inductance in the switched current path generates a large
voltage spike during the switching interval. Careful
component selection, tight layout of the critical components,
and short, wide circuit traces minimize the magnitude of
voltage spikes. Contact Intersil for evaluation board drawings
of the component placement and printed circuit board.
There are two sets of critical components in a DC-DC
converter using a HIP6019 controller. The power
components are the most critical because they switch large
amounts of energy. The critical small signal components
connect to sensitive nodes or supply critical bypassing
current.
The power components should be placed first. Locate the
input capacitors close to the power switches. Minimize the
length of the connections between the input capacitors and
the power switches. Locate the output inductor and output
capacitors between the MOSFETs and the load. Locate the
PWM controller close to the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the
control IC. Minimize any leakage current paths from SS node
because the internal current source is only 11
µA.
A multi-layer printed circuit board is recommended. Figure
10 shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer for a ground plane and make all critical component
ground connections with vias to this layer. Dedicate another
solid layer as a power plane and break this plane into
smaller islands of common voltage levels. The power plane
should support the input power and output power nodes.
Use copper filled polygons on the top and bottom circuit
layers for the phase nodes. Use the remaining printed circuit
layers for small signal wiring. The wiring traces from the
control IC to the MOSFET gate and source should be sized
to carry 1A currents. The traces for OUT4 need only be sized
for 0.2A. Locate COUT4 close to the HIP6019 IC.
PWM Controller Feedback Compensation
Both PWM controllers use voltage-mode control for output
regulation. This section highlights the design consideration
for a voltage-mode controller. Apply the methods and
considerations to both PWM controllers.
Figure 11 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage is
regulated to the reference voltage level. The reference
voltage level is the DAC output voltage for PWM1 and is
1.265V for PWM2. The error amplifier output (VE/A) is
compared with the oscillator (OSC) triangular wave to
provide a pulse-width modulated wave with an amplitude of
VIN at the PHASE node. The PWM wave is smoothed by the
output filter (LO and CO).
11000
2.7
10111
2.8
10110
2.9
10101
3.0
10100
3.1
10011
3.2
10010
3.3
10001
3.4
10000
3.5
NOTE: 0 = connected to GND or VSS, 1 = open or connected to 5V
through pull-up resistors, X = don’t care.
TABLE 1. VOUT1 VOLTAGE PROGRAM (Continued)
PIN NAME
NOMINAL
OUT1
VOLTAGE
DACOUT
VID4
VID3
VID2
VID1
VID0
FIGURE 10. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
VOUT1
Q1
Q2
Q3
Q4
CSS
+12V
CVCC
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT1
COUT1
CR1
HIP6019
CIN
COUT2
VOUT2
VOUT3
+5VIN
SS
PGND
LGATE1
UGATE1
PHASE1
GATE3
PHASE2
KEY
LOUT2
GND
VCC
UGATE2
OCSET1
OCSET2
ROCSET1
ROCSET2
COCSET1
COCSET2
HIP6019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com