Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG714 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG714
Description  Serially Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 1 Page - Analog Devices

  ADG714_15 Datasheet HTML 1Page - Analog Devices ADG714_15 Datasheet HTML 2Page - Analog Devices ADG714_15 Datasheet HTML 3Page - Analog Devices ADG714_15 Datasheet HTML 4Page - Analog Devices ADG714_15 Datasheet HTML 5Page - Analog Devices ADG714_15 Datasheet HTML 6Page - Analog Devices ADG714_15 Datasheet HTML 7Page - Analog Devices ADG714_15 Datasheet HTML 8Page - Analog Devices ADG714_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG714/ADG715
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
CMOS, Low Voltage
Serially Controlled, Octal SPST Switches
FUNCTIONAL BLOCK DIAGRAMS
ADG714
D1
D2
D3
D4
D5
D6
D7
D8
DOUT
S1
S2
S3
S4
S5
S6
S7
S8
INPUT SHIFT
REGISTER
SCLK DIN
SYNC RESET
ADG715
D1
D2
D3
D4
D5
D6
D7
D8
S1
S2
S3
S4
S5
S6
S7
S8
INTERFACE
LOGIC
SDA
SCL
A0
A1
RESET
FEATURES
ADG714 SPI™/QSPI™/MICROWIRE™-Compatible Interface
ADG715 I
2C™-Compatible Interface
2.7 V to 5.5 V Single Supply
2.5 V Dual Supply
2.5
On Resistance
0.6
On Resistance Flatness
100 pA Leakage Currents
Octal SPST
Power-On Reset
Fast Switching Times
TTL/CMOS-Compatible
Small TSSOP Package
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
GENERAL DESCRIPTION
The ADG714/ADG715 are CMOS, octal SPST (single-pole,
single-throw) switches controlled via either a 2- or 3-wire serial
interface. On resistance is closely matched between switches and
very flat over the full signal range. Each switch conducts equally
well in both directions and the input signal range extends to the
supplies. Data is written to these devices in the form of 8 bits,
each bit corresponding to one channel.
The ADG714 uses a 3-wire serial interface that is compatible
with SPI , QSPI, and MICROWIRE and most DSP interface
standards. The output of the shift register DOUT enables a
number of these parts to be daisy chained.
The ADG715 uses a 2-wire serial interface that is compatible
with the I
2C interface standard. The ADG715 has four hard wired
addresses, selectable from two external address pins (A0 and A1).
This allows the 2 LSBs of the 7-bit slave address to be set by
the user. A maximum of four of these devices may be connected
to the bus.
On power-up of these devices, all switches are in the OFF con-
dition, and the internal registers contain all zeros.
Low power consumption and operating supply range of 2.7 V to
5.5 V make this part ideal for many applications. These parts
may also be supplied from a dual
±2.5 V supply. The ADG714
and ADG715 are available in a small 24-lead TSSOP package.
PRODUCT HIGHLIGHTS
1. 2- or 3-wire serial interface
2. Single/dual supply operation. The ADG714 and ADG715
are fully specified and guaranteed with 3 V, 5 V, and
±2.5 V
supply rails.
3. Low on resistance, typically 2.5
Ω
4. Low leakage
5. Power-on reset
6. Small 24-lead TSSOP package
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
I
2C is a trademark of Philips Corporation.
C
2013
781/461-3113
Document Feedback


Similar Part No. - ADG714_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
More results

Similar Description - ADG714_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714 Datasheet
173Kb / 16P
CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV.0
logo
Maxim Integrated Produc...
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com