Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM-6504/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HM-6504/883
Description  4096 x 1 CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM-6504/883 Datasheet(HTML) 3 Page - Intersil Corporation

  HM-6504/883 Datasheet HTML 1Page - Intersil Corporation HM-6504/883 Datasheet HTML 2Page - Intersil Corporation HM-6504/883 Datasheet HTML 3Page - Intersil Corporation HM-6504/883 Datasheet HTML 4Page - Intersil Corporation HM-6504/883 Datasheet HTML 5Page - Intersil Corporation HM-6504/883 Datasheet HTML 6Page - Intersil Corporation HM-6504/883 Datasheet HTML 7Page - Intersil Corporation HM-6504/883 Datasheet HTML 8Page - Intersil Corporation HM-6504/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6-136
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θJA
θJC
CERDIP Package . . . . . . . . . . . . . . . .
75oC/W
15oC/W
Maximum Storage Temperature Range . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +175oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6910 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +0.8V
Input High Voltage . . . . . . . . . . . . . . . . . . . VCC -2.0V to VCC +0.3V
TABLE 1. HM-6504/883 DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Output Low Voltage
VOL
VCC = 4.5V,
IOL = 2mA
1, 2, 3
-55oC
≤ TA ≤ +125oC
-
0.4
V
Output High Voltage
VOH
VCC = 4.5V,
IOH = -1.0mA
1, 2, 3
-55oC
≤ TA ≤ +125oC
2.4
-
V
Input Leakage Current
II
VCC = 5.5V,
VI = GND or VCC
1, 2, 3
-55oC
≤ TA ≤ +125oC
-1.0
+1.0
µA
Output Leakage Current
IOZ
VCC = 5.5V,
VO = GND or VCC
1, 2, 3
-55oC
≤ TA ≤ +125oC
-1.0
+1.0
µA
Data Retention Supply Current
ICCDR
VCC = 2.0V,
E = VCC,
IO = 0mA
1, 2, 3
-55oC
≤ TA ≤ +125oC
-25
µA
Operating Supply Current
ICCOP
VCC = 5.5V,
(Note 2),
E = 1MHz,
IO = 0mA
1, 2, 3
-55oC
≤ TA ≤ +125oC-
7
mA
Standby Supply Current
ICCSB
VCC = 5.0V,
E = VCC -0.3V,
IO = 0mA
1, 2, 3
-55oC
≤ TA ≤ +125oC-
50
µA
NOTES:
1. All voltage referenced to device GND.
2. Typical derating 1.5mA/MHz increase in ICCOP.
HM-6504/883



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com