Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 21 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 17Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 18Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 19Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 20Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 21Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 22Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 23Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 24Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
Host Interface
All internal registers may be written to or read by the host
processor at any time, except for those bits identified as
read-only. The bit descriptions of the control registers are
listed in Tables 9-48.
The HMP8115 supports the fast-mode (up to 400 kbps) I2C
interface consisting of the SDA and SCL pins. The device
acts as a slave for receiving and transmitting data over the
serial interface. When the interface is not active, SCL and
SDA must be pulled high using external 4k
Ω pull-up resis-
tors. The slave address for the HMP8115 is 88H.
Data is placed on the SDA line when the SCL line is low and
held stable when the SCL line is pulled high. Changing the
state of the SDA line while SCL is high will be interpreted as
either an I2C bus START or STOP condition as indicated by
Figure 20.
During I2C write cycles, the first data byte after the slave
address is treated as the control register sub address and is
written into the internal address register. Any remaining data
bytes sent during an I2C write cycle are written to the control
registers, beginning with the register specified by the
address register as given in the first byte. The address regis-
ter is then autoincremented after each additional data byte
sent on the I2C bus during a write cycle. Writes to reserved
bits within registers or reserved registers are ignored.
In order to perform a read from a specific control register
within the HMP8115, an I2C bus write must first be per-
formed to properly setup the address register. Then an I2C
bus read can be performed to read from the desired control
register(s). As a result of needing the write cycle for a read
cycle there are actually two START conditions as shown in
Figure 21. The address register is then autoincremented
after each byte read during the I2C read cycle. Reserved
registers return a value of 00H.
FIGURE 19. I2C TIMING DIAGRAM
SDA
SCL
tBUF
tLOW
tHIGH
tR
tF
tSU:DATA
tHD:DATA
tSU:STOP
SDA
SCL
START
CONDITION
S
1-7
ADDRESS
8
R/W
9
ACK
1-7
DATA
89
ACK
STOP
CONDITION
P
FIGURE 20. I2C SERIAL DATA FLOW
S = START CYCLE
P = STOP CYCLE
A = ACKNOWLEDGE
FROM MASTER
FROM HMP8115
0x88
DATA WRITE
DATA
DATA
0x88
DATA READ
NA = NO ACKNOWLEDGE
0x89
1000 1000 (R/W)
1000 1000
FIGURE 21. REGISTER WRITE/READ FLOW
S
CHIP ADDR
A
SUB ADDR
DATA
DATA
P
NA
CHIP ADDR
S
SUB ADDR
CHIP ADDR
S
P
A
A
A
A
A
A
REGISTER
POINTED
TO BY
SUB ADDR
OPTIONAL FRAME
MAY BE REPEATED
n TIMES
A
REGISTER
POINTED
TO BY
SUB ADDR
OPTIONAL FRAME
MAY BE REPEATED
n TIMES
HMP8115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com