Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMU17/883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HMU17/883
Description  16 x 16-Bit CMOS Parallel Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU17/883 Datasheet(HTML) 6 Page - Intersil Corporation

  HMU17/883 Datasheet HTML 1Page - Intersil Corporation HMU17/883 Datasheet HTML 2Page - Intersil Corporation HMU17/883 Datasheet HTML 3Page - Intersil Corporation HMU17/883 Datasheet HTML 4Page - Intersil Corporation HMU17/883 Datasheet HTML 5Page - Intersil Corporation HMU17/883 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3-41
Die Characteristics
DIE DIMENSIONS:
179 mils x 169 mils x 19
± 1 mil
METALLIZATION:
Type: Si-Al or Si-Al-Cu
Thickness: 8k
Å
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY:
1.2 x 105 A/cm2
Metallization Mask Layout
HMU17/883
(9) YO, P0
(10) Y1, P1
(11) Y2, P2
(12) Y3, P3
(13) Y4, P4
(14) Y5, P5
(15) Y6, P6
(16) Y7, P7
(17) Y8, P8
(18) Y9, P9
(19) Y10, P10
(20) Y11, P11
(21) Y12, P12
(22) Y13, P13
(23) Y14, P14
(24) Y15, P15
(56) x 13
(55) x 14
(54) x 15
(53) CLKX (ENX)
(52) RND
(51) TCX
(50) TCY
(49) VCC
(48) VCC
(47) GND
(46) GND
(44) FT
(43) FA
(42) DEP
(41) CLKM (END)
(45) MSPSEL
HMU17/883
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com