Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS2-3530RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS2-3530RH
Description  Low Power, Radiation Hardened Programmable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS2-3530RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS2-3530RH Datasheet HTML 1Page - Intersil Corporation HS2-3530RH Datasheet HTML 2Page - Intersil Corporation HS2-3530RH Datasheet HTML 3Page - Intersil Corporation HS2-3530RH Datasheet HTML 4Page - Intersil Corporation HS2-3530RH Datasheet HTML 5Page - Intersil Corporation HS2-3530RH Datasheet HTML 6Page - Intersil Corporation HS2-3530RH Datasheet HTML 7Page - Intersil Corporation HS2-3530RH Datasheet HTML 8Page - Intersil Corporation HS2-3530RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
763
Specifications HS-3530RH
Absolute Maximum Ratings
Reliability Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
ISET (Current at ISET) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500
µA
VSET (Voltage to GND at ISET). . . . . . . . . (V+ -2.0V) < VSET < V+
Output Short Circuit Duration (Note 1) . . . . . . . . . . . . . . . . Indefinite
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 275oC
Thermal Resistance
θ
JA
θ
JC
Metal Can Package . . . . . . . . . . . . . . . . .
160oC/W
70oC/W
Maximum Package Power Dissipation at +125oC Ambient:
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.31W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±3V to ±15V
VINcm
≤ 1/
2 (V+ - V-)
RL
≥ 2kV
TABLE 1A. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: Supply Voltage =
±15V, RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
ISET = 1.5
µA
ISET = 15
µA
UNITS
MIN
MAX
MIN
MAX
Input Offset
Voltage
VIO
VCM = 0V
1
+25oC
-3
3
-3
3
mV
2, 3
+125oC, -55oC
-5
5
-5
5
mV
Input Bias
Current
+IB
VCM = 0V, +RS = 10k
Ω
-RS = 100
Ω
Note 2
1
+25oC
-
-
-40
40
nA
2, 3
+125oC, 0oC
-
-
-50
+50
nA
3
-55oC
-
-
-60
60
nA
-IB
VCM = 0V, +RS = 100
Ω
-RS = 10k
Ω
Note 2
1
+25oC
-
-
-40
40
nA
2, 3
+125oC, 0oC
-
-
-50
+50
nA
3
-55oC
-
-
-60
60
nA
Input Offset
Current
IIO
VCM = 0V, +RS = 10k
Ω
-RS = 10k
Ω
Note 2
1
+25oC
-
-
-15
15
nA
2, 3
+125oC, 0oC
-
-
-20
+20
nA
3
-55oC
-
-
-30
30
nA
Large Signal
Voltage Gain
+AVOL
VOUT = 0V and +10V
Note 1
4
+25oC
65
-
80
-
kV/V
5, 6
+125oC, -55oC
25
-
50
-
kV/V
-AVOL
VOUT = 0V and -10V
Note 1
4
+25oC
65
-
80
-
kV/V
5, 6
+125oC, -55oC
25
-
50
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆VCM = +5V, +V = +10V
-V = -20V, VOUT = -5V
1
+25oC
80
-
80
-
dB
2, 3
+125oC, -55oC
80
-
80
-
dB
-CMRR
∆VCM = -5V, +V = +20V
-V = -10V, VOUT = +5V
1
+25oC
80
-
80
-
dB
2, 3
+125oC, -55oC
80
-
80
-
dB
Output Voltage
Swing
+VOUT
Note 1
1
+25oC
12.5
-
12.5
-
V
2, 3
+125oC, -55oC
10.5
-
10.5
-
V
-VOUT
Note 1
1
+25oC
-
-12.5
-
-12.5
V
2, 3
+125oC, -55oC
-
-10.5
-
-10.5
V
Output Current
+IOUT
RL = 2k
Ω
1
+25oC
0.25
-
2.5
-
mA
-IOUT
RL = 2k
Ω
1
+25oC
-
-0.25
-
-2.5
mA
Spec Number
518079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com