Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2798GR Datasheet(PDF) 21 Page - NEC

Part # UPC2798GR
Description  IF DOWN CONVERTOR IC FOR DIGITAL CATV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2798GR Datasheet(HTML) 21 Page - NEC

Back Button UPC2798GR Datasheet HTML 16Page - NEC UPC2798GR Datasheet HTML 17Page - NEC UPC2798GR Datasheet HTML 18Page - NEC UPC2798GR Datasheet HTML 19Page - NEC UPC2798GR Datasheet HTML 20Page - NEC UPC2798GR Datasheet HTML 21Page - NEC UPC2798GR Datasheet HTML 22Page - NEC UPC2798GR Datasheet HTML 23Page - NEC UPC2798GR Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet P11998EJ3V0DS00
21
µµµµPC2798GR
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales officers in case other soldering process is used or in case soldering is done under
different conditions.
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
µµµµPC2798GR
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 3, Exposure limit
Note: None
IR35-00-3
VPS
Peak package’s surface temperature: 215
°C or below,
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 3, Exposure limit
Note: None
VP15-00-3
Partial heating method
Terminal temperature: 300
°C or below,
Flow time: 3 seconds or below,
Exposure limit
Note: None
Note
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65% or less.
Caution Do not apply more than single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com