Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP50214B Datasheet(PDF) 21 Page - Intersil Corporation

Part # HSP50214B
Description  Programmable Downconverter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214B Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HSP50214B Datasheet HTML 17Page - Intersil Corporation HSP50214B Datasheet HTML 18Page - Intersil Corporation HSP50214B Datasheet HTML 19Page - Intersil Corporation HSP50214B Datasheet HTML 20Page - Intersil Corporation HSP50214B Datasheet HTML 21Page - Intersil Corporation HSP50214B Datasheet HTML 22Page - Intersil Corporation HSP50214B Datasheet HTML 23Page - Intersil Corporation HSP50214B Datasheet HTML 24Page - Intersil Corporation HSP50214B Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
3-21
output section. Without gain control, a signal at -72dBFS =
20log10(2
-12) at the input would have only 4 bits of
resolution at the output (12 bits less than the full scale 16
bits). The potential increase in the bit resolution due to
processing gain of the filters can be lost without the use of
the AGC.
Figure 23 shows the Block Diagram for the AGC Section.
The FIR filter data output is routed to the Resampling and
Halfband filters after passing through the AGC multipliers
and Shift Registers. The outputs of the Interpolating
Halfband filters are routed to the Cartesian to Polar
coordinate converter. The magnitude output of the
coordinate converter is routed through the AGC error
detector, the AGC error scaler and into the AGC loop filter.
This filtered error term is used to drive the AGC multiplier
and shifters, completing the AGC control loop.
The AGC Multiplier/Shifter portion of the AGC is identified in
Figure 23. The gain control from the AGC loop filter is
sampled when new data enters the Multiplier/Shifter. The
limit detector detects overflow in the shifter or the multiplier
and saturates the output of I and Q data paths
independently. The shifter has a gain from 0 to 90.31dB in
6.021dB steps, where 90.31dB = 20log10(2
N), when N = 15.
The mantissa provides an additional 6dB of gain in
0.0338dB steps where 6.0204dB = 20log10[1+(X)2
-15],
where X = 215-1. Thus, the AGC multiplier/shifter transfer
function is expressed as:
where N, the shifter exponent, has a range of 0<N<15 and
X, the mantissa, has a range of 0<X<(215-1).
Equation 14 can be expressed in dB,
The full AGC range of the Multiplier/Shifter is from 0 to
96.331dB (20log10[1+(2
15-1)2-15] + 20log
10[2
15] = 96.331).
Figure 21 illustrates the transfer function of the AGC
multiplier versus mantissa control for N = 0. Figure 22
illustrates the complete AGC Multiplier/Shifter Transfer
function for all values of exponent and mantissa control.
The resolution of the mantissa was increased to 16 bits in
the A Version, to provide a theoretical AM modulation level of
-96dBc (depending on loop gain, settling mode and SNR).
This effectively eliminates AM spurious caused by the AGC
resolution.
For fixed gains, either set the upper and lower AGC limits to
the same value, or set the limits to minimum and maximum
gains and set the AGC loop gain to zero.
The Cartesian to Polar Coordinate converter accepts I and Q
data and generates magnitude and phase data. The
magnitude output is determined by the equation:
where the magnitude limits are determined by the maximum
I and Q signal levels into the Cartesian to Polar converter.
Taking fractional 2’s complement representation, magnitude
ranges from 0 to 2.329, where the maximum output is
.
The AGC loop feedback path consists of an error detector, error
scaling, and an AGC loop filter. The error detector subtracts the
magnitude output of the coordinate converter from the
programmable AGC THRESHOLD value. The bit weighting of
(EQ. 14)
AGC Mult/Shift Gain
2
N
1X
()2
15
–
],
+
[
=
(EQ. 14A)
(AGC Mult/Shift Gain)dB
20log
10 2
N
1X
()2
-15 ]
+
[
()
=
FIGURE 21. AGC MULTIPLIER LINEAR AND dB TRANSFER
FUNCTION
6
5
4
3
2
1
0
0
16 32 48 64 80 96 112 128 144 160 176 192 208 224 240
AGC CONTROL MANTISSA VALUES (TIMES 256)
G (dB)
G (LINEAR)
FIGURE 22. AGC GAIN CONTROL TRANSFER FUNCTION
100
90
80
70
60
50
40
30
20
10
0
0
64
128
192
AGC CONTROL WORD (MANTISSA x 256)
N = 15
N = 14
N = 13
N = 12
N = 11
N = 10
N = 9
N = 8
N = 7
N = 6
N = 5
N = 4
N = 3
N = 2
N = 1
N = 0
(EQ. 15)
r
1.64676 I
2
Q
2
+
.
=
r
1.64676
1.0
()
2
1.0
()
2
+
=
1.64676
1.414
×
2.329
==
HSP50214B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com