Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS9506L2-V Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9506L2-V
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9506L2-V Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9506L2-V Datasheet HTML 5Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 6Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 7Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 8Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 9Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 10Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 11Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 12Page - Renesas Technology Corp PS9506L2-V Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
R08DS0018EJ0100 Rev.1.00
Page 9 of 20
Nov 10, 2011
TEST CIRCUIT
IF =
VCC =
0.1 F
μ
4 V
IOH
8 to12 mA
10 to 30 V
VO > 5 V
SHIELD
8
1
2
3
7
6
VCC =
0.1 F
μ
10 to 30 V
VCC =
0.1 F
μ
100 mA
VOH
10 to 30 V
100 mA
VCC =
0.1 F
μ
2.5 V
10 to 30 V
IOL
VCC =
0.1 F
μ
10 to 30 V
VOL
VCC =
0.1 F
μ
ICCL: IF = 0 mA
ICCH:IF = 10 mA
10 to 30 V
4
5
SHIELD
8
1
2
3
7
6
4
5
IF =
8 to 12 mA
SHIELD
8
1
2
3
7
6
4
5
SHIELD
8
1
2
3
7
6
4
5
SHIELD
8
1
2
3
7
6
4
5
SHIELD
8
1
2
3
7
6
4
5
IF
Fig. 1 IOH Test Circuit
Fig. 3 VOH Test Circuit
Fig. 5 IFLH Test Circuit
Fig. 6 ICCH/ICCL Test Circuit
Fig. 4 VOL Test Circuit
Fig. 2 IOL Test Circuit
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com