Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7660SCBA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7660SCBA
Description  Super Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660SCBA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7660SCBA Datasheet HTML 1Page - Intersil Corporation ICL7660SCBA Datasheet HTML 2Page - Intersil Corporation ICL7660SCBA Datasheet HTML 3Page - Intersil Corporation ICL7660SCBA Datasheet HTML 4Page - Intersil Corporation ICL7660SCBA Datasheet HTML 5Page - Intersil Corporation ICL7660SCBA Datasheet HTML 6Page - Intersil Corporation ICL7660SCBA Datasheet HTML 7Page - Intersil Corporation ICL7660SCBA Datasheet HTML 8Page - Intersil Corporation ICL7660SCBA Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3-37
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13.0V
LV and OSC Input Voltage (Note 1)
V+ < 5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to V+ + 0.3V
V+ > 5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ -5.5V to V+ +0.3V
Current into LV (Note 1)
V+ > 3.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
µA
Output Short Duration
VSUPPLY ≤ 5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to 150oC
Operating Conditions
Temperature Range
ICL7660SM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
ICL7660SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
ICL7660SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP. . . . . . . . . . . . . . . . . . . . . . . . . . .
150
N/A
Plastic SOIC. . . . . . . . . . . . . . . . . . . . .
170
N/A
Metal Can. . . . . . . . . . . . . . . . . . . . . . .
155
70
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Connecting any terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs from
sources operating from external supplies be applied prior to “power up” of ICL7660S.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 5V, TA = 25
oC, OSC = Free running, Test Circuit Figure 12, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Note 5)
I+
RL = ∞, 25
oC
-
80
160
µA
0oC < TA < +70
oC
-
-
180
µA
-40oC < TA < 85
oC
-
-
180
µA
-55oC < TA < 125
oC
-
-
200
µA
Supply Voltage Range - High
(Note 6)
V+H
RL = 10K, LV Open, TMIN < TA < TMAX
3.0
-
12
V
Supply Voltage Range - Low
V+L
RL = 10K, LV to GND, TMIN < TA < TMAX
1.5
-
3.5
V
Output Source Resistance
ROUT
IOUT = 20mA
-
60
100
Ω
IOUT = 20mA, 0
oC < T
A < 70
oC
-
-
120
Ω
IOUT = 20mA, -25
oC < T
A < 85
oC
-
-
120
Ω
IOUT = 20mA, -55
oC < T
A < 125
oC
-
-
150
Ω
IOUT = 3mA, V+ = 2V, LV = GND,
0oC < TA < 70
oC
-
-
250
Ω
IOUT = 3mA, V+ = 2V, LV = GND,
-40oC < TA < 85
oC
-
-
300
Ω
IOUT = 3mA, V+ = 2V, LV = GND,
-55oC < TA < 125
oC
-
-
400
Ω
Oscillator Frequency (Note 5)
fOSC
COSC = 0, Pin 1 Open or GND
5
10
-
kHz
COSC = 0, Pin 1 = V+
-
35
-
kHz
Power Efficiency
PEFF
RL = 5kΩ
96
98
-
%
TMIN < TA < TMAX RL = 5kΩ
95
97
-
-
Voltage Conversion Efficiency
VOUTEFF
RL = ∞
99
99.9
-
%
ICL7660S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com