Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7663SCBA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7663SCBA
Description  CMOS Programmable Micropower Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7663SCBA Datasheet(HTML) 6 Page - Intersil Corporation

  ICL7663SCBA Datasheet HTML 1Page - Intersil Corporation ICL7663SCBA Datasheet HTML 2Page - Intersil Corporation ICL7663SCBA Datasheet HTML 3Page - Intersil Corporation ICL7663SCBA Datasheet HTML 4Page - Intersil Corporation ICL7663SCBA Datasheet HTML 5Page - Intersil Corporation ICL7663SCBA Datasheet HTML 6Page - Intersil Corporation ICL7663SCBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
60
High output currents can be obtained only as far as package
dissipation allows. It is strongly recommended that output
current-limit sensing be used in such cases.
Current-Limit Sensing - The on-chip comparator (C in the
Functional Diagram) permits shutdown of the regulator
output in the event of excessive current drain. As Figure 8
shows, a current-limiting resistor, RCL, is placed in series
with VOUT2 and the SENSE terminal is connected to the
load side of RCL. When the current through RCL is high
enough to produce a voltage drop equal to VCL (0.5V) the
voltage feedback is by-passed and the regulator output will
be limited to this current. Therefore, when the maximum load
current (ILOAD) is determined, simply divide VCL by ILOAD to
obtain the value for RCL.
Logic-Controllable Shutdown - When equipment is not
needed continuously (e.g., in remote data-acquisition
systems), it is desirable to eliminate its drain on the system
until it is required. This usually means switches, with their
unreliable contacts. Instead, the ICL7663S can be shut
down by a logic signal, leaving only IQ (under 4µA) as a
drain on the power source. Since this pin must not be left
open, it should be tied to ground if not needed. A voltage of
less than 0.3V for the ICL7663S will keep the regulator ON,
and a voltage level of more than 1.4V but less than V+IN will
turn the outputs OFF. If there is a possibility that the control
signal could exceed the regulator input (V+IN) the current
from this signal should be limited to 100
µA maximum by a
high value (1M
Ω) series resistor. This situation may occur
when the logic signal originates from a system powered
separately from that of the regulator.
Additional Circuit Precautions - This regulator has poor
rejection of voltage fluctuations from AC sources above
10Hz or so. To prevent the output from responding (where
this might be a problem), a reservoir capacitor across the
load is advised. The value of this capacitor is chosen so that
the regulated output voltage reaches 90% of its final value in
20ms. From:
In addition, where such a capacitor is used, a current-limiting
resistor is also suggested (see “Current-Limit Sensing”).
Producing Output Voltages with Negative Temperature
Coefficients -The ICL7663S has an additional output which
is 0.9V relative to GND and has a tempco of +2.5mV/oC. By
applying this voltage to the inverting input of amplifier A (i.e.,
the VSET pin), output voltages having negative TC may be
produced. The TC of the output voltage is controlled by the
R2/R3 ratio (see Figure 9 and its design equations).
Applications
Boosting Output Current with External Transistor
The maximum available output current from the ICL7663S is
40mA. To obtain output currents greater than 40mA, an
external NPN transistor is used connected as shown in
Figure 10.
SHDN
VOUT2
VOUT1
VTC
VSET
SENSE
GND
R2
CL
VIN
0.047
µF
V+IN
604k
Ω
RCL
20
Ω
210k
Ω
R1
10
µF V
OUT
+5V
FIGURE 8. POSITIVE REGULATOR WITH CURRENT LIMIT
VOUT =
R2 + R1
R1
VSET = 5V
ICL =
VCL
RCL
= 25mA
I =
∆V
C
,C
∆t
=
IOUT
(20 x 10-3)
0.9VOUT
= 0.022
IOUT
VOUT
VREF
VSET
-
+
VTC
-
+
R1
R2
VOUT
R3
Where:VSET = 1.3V
VTC = 0.9V
TCVTC = +2.5mV/
oC
FIGURE 9. GENERATING NEGATIVE TEMPERATURE
COEFFICIENTS
EQ. 1: VOUT = VSET
(
R2
1 +
R1
)
R2
+
R3
(VSET - VTC)
EQ. 2:
TC VOUT =
R2
-
R3
(TC VTC) in mV/
oC
SHDN
VOUT2
VOUT1
VSET
SENSE
GND
VIN
10
µF
V+IN
604k
Ω
100
Ω
210k
Ω
VOUT
+5V
0.47
Ω
EXTERNAL PIN
POWER
TRANSISTOR
FIGURE 10. BOOSTING OUTPUT CURRENT WITH EXTERNAL
TRANSISTOR
ICL7663S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com