Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3205 Datasheet(PDF) 5 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 5 Page - NEC

  UPC3205 Datasheet HTML 1Page - NEC UPC3205 Datasheet HTML 2Page - NEC UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet P13541EJ3V0DS00
5
µµµµPC3205GR
ABSOLUTE MAXIMUM RATINGS (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Rating
Unit
Supply Voltage
VCC
6.0
V
Power Dissipation
PD
TA = +85°C
Note
433
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Note Mounted on 50 mm
× 50 mm × 1.6 mm double epoxy glass board.
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
–25
+25
+85
°C
IF Input Level Range
PIF
Vout = 1 VP-P
–45
–
–25
dBm
Gain Control Voltage Range
VAGC
0.0
–
VCC
V
ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = 5 V, Zin = 50
Ω
Ω
Ω
Ω, Zout = 1 kΩ
Ω
Ω
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
48
65
78
mA
IF Input Frequency
fIF
fIF > fOSC
Note
440
–
520
MHz
IQ Output Frequency
fIQ
Gcv (@fIQ = 10 MHz)
± 1 dB, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
0.3
–
30
MHz
Conversion Gain 1
Gcv1
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 0 to 0.5 V
Note
49
53
–
dB
Conversion Gain 2
Gcv2
fIF = 490 MHz, fOSC = 479.5 MHz, VAGC = 2 V
Note
–44
–
dB
Conversion Gain 3
Gcv3
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 4.5 V to VCC
Note
–
–
10
dB
AGC Gain Control Range
GCR
fIF = 490 MHz, fOSC = 479.5 MHz
VAGC = 0.5 to 4.5 V
Note
39
–
–
dB
IQ Phase Balance
∆
φ
fIF = 490 MHz, fOSC = 479.5 MHz, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
–2
0
+2
deg
IQ Amplitude Balance
∆VfIF = 490 MHz, fOSC = 479.5 MHz, Vout = 1 VP-P
PIF = –45 to –25 dBm
Note
–0.5
0
+0.5
dB
Output Voltage
Vout
fIQ = 0.3 to 30 MHz, PIF = –45 to –25 dBm
Note
–1.0
–
VP-P
Maximum Output Voltage
Voclip
VAGC = 0 to 0.5 V, PIF = –45 to –25 dBm
Note
1.8
–
–
VP-P
Note By measurement circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com