Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3207GR-E1 Datasheet(PDF) 15 Page - NEC

Part # UPC3207GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR-E1 Datasheet(HTML) 15 Page - NEC

Back Button UPC3207GR-E1 Datasheet HTML 11Page - NEC UPC3207GR-E1 Datasheet HTML 12Page - NEC UPC3207GR-E1 Datasheet HTML 13Page - NEC UPC3207GR-E1 Datasheet HTML 14Page - NEC UPC3207GR-E1 Datasheet HTML 15Page - NEC UPC3207GR-E1 Datasheet HTML 16Page - NEC UPC3207GR-E1 Datasheet HTML 17Page - NEC UPC3207GR-E1 Datasheet HTML 18Page - NEC UPC3207GR-E1 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
µPC3207GR
15
Data Sheet P13717EJ3V0DS00
APPLICATION CIRCUIT EXAMPLE
1 000
pF
1 000
pF
1 000
pF
20T
27 pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
VCC
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
47 k
4 pF
HB
1 000
pF
UB
3 pF
VRF IN
URF IN
IF OUT
OSC
OUT
1 000
pF
1.5 k
10 pF
200
pF
75
1 pF 3 pF 1 pF
47 k
Vtu
360 pF
6 pF
360 pF
8 pF
0.5 pF
2T
HVU 307
47 k
47 k
Vtu
HVU307
× 2
4T
47 k
82 pF
1 000 pF
47 k
1 000 pF
7T
1 000 pF
2.7 k
LB
REG
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com