Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICM7213IPD Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7213IPD
Description  One Second/One Minute Timebase Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7213IPD Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7213IPD Datasheet HTML 1Page - Intersil Corporation ICM7213IPD Datasheet HTML 2Page - Intersil Corporation ICM7213IPD Datasheet HTML 3Page - Intersil Corporation ICM7213IPD Datasheet HTML 4Page - Intersil Corporation ICM7213IPD Datasheet HTML 5Page - Intersil Corporation ICM7213IPD Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9-11
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current (Any Output) . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
All Input and Oscillator Voltages. . . . . . . . VSS - 0.3V to VDD + 0.3V
All Output Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to 6V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD - VSS = 3.0V, fOSC = 4.194304MHz, Test Circuit, TA = 25
oC, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current, IDD
-
100
140
µA
Guaranteed Operating Supply
Voltage Range (VDD - VSS), VSUPPLY
-20oC to 85oC2
-
4
V
Output Leakage Current, IOLK
Any output, VOUT = 6V
-
-
10
µA
Output Sat. Resistance, ROUT
Any output, IOLK = 2.5mA
-
120
200
Ω
Inhibit Input Current, II
Inhibit terminal connected to VDD
-10
40
µA
Test Point Input Current, ITP
Test point terminal connected to VDD
-10
40
µA
Width Input Current, IW
Width terminal connected to VDD
-10
40
µA
Oscillator Transconductance, gM
VDD = 2V
100
-
-
µS
Oscillator Frequency Range (Note 1), fOSC
1
-
10
MHz
Oscillator Stability, fSTAB
2V < VDD < 4V
-
1.0
-
ppm
Oscillator Start Time, tS
-
0.1
-
s
VDD = 2V
-
0.2
-
s
NOTE:
1. The ICM7213 uses dynamic dividers for high frequency division. As with any dynamic system, information is stored on very small nodal
capacitances instead of latches (static system), therefore there is a lower frequency of operation. Dynamic dividers are used to improve
the high frequency performance while at the same time significantly decreasing power consumption. At low VSUPPLY, operation at less
than 1MHz is possible.
Output Definitions
(NOTE 1)
INPUT STATES
PIN 12
OUT 1
PIN 13
OUT 2
PIN 2
OUT 3
PIN 14
OUT 4
TEST
INHIBIT
WIDTH
L
L
L
16Hz
÷ 218 1024 + 16 + 2Hz (÷212÷218÷221) Composite 1Hz, 7.8ms ÷ 222 1/60Hz, 1s
÷ (224 x 3 x 5)
L
L
H
16Hz
÷ 218 1024 + 16 + 2Hz (÷212÷218÷221) Composite 1Hz, 7.8ms ÷ 222 1/
60Hz, 125ms
L
H
L
16Hz
÷ 218 1024 + 16Hz (÷ 212 ÷ 218) Composite
OFF
OFF
L
H
H
16Hz
÷ 218 1024 + 16Hz (÷ 212 ÷ 218) Composite
OFF
See Waveforms
HL
L
ON
4096 + 1024Hz (
÷ 210 ÷ 212) Composite
2048Hz
÷ 211
34.133Hz, 50% DC
÷
(213 x 5 x 3)
HLH
ON
4096 + 1024Hz (
÷ 210 ÷ 212) Composite
2048Hz
÷ 211
34.133Hz, 50% DC
÷
(213 x 5 x 3)
H
H
L
ON
1024Hz
÷ 212
ON
OFF
H
H
H
ON
1024Hz
÷ 212
ON
OFF
NOTE:
1. When TEST and RESET are connected to ground, or left open, all outputs except for OUT 3 and OUT 4 have a 50% duty cycle.
ICM7213



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com