Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDN352AP-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDN352AP-3
Description  P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN352AP-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN352AP-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel MOSFET
FDN352AP (KDN352AP)
■
Typical Characterisitics
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
Qg, GATE CHARGE (nC)
I
D = -0.9A
V
DS
= -10V
-20V
-15V
0
50
100
150
200
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
C
iss
C
oss
C
rss
f = 1 MHz
V
GS
= 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0
0
1
0
1
1
1
.
0
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON)
LIMIT
V
GS
= -10V
SINGLE PULSE
R JA = 270
oC/W
TA = 25oC
10ms
1ms
100 µs
0
10
20
30
40
50
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
R JA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
θ
θ
Figure 11. Transient Thermal Response Curve.
RθJA(t) = r(t) * RθJA
RθJA = 270°C/W
TJ – TA = P * RθJA(t)
Duty Cycle, D = t 1 / t2
P(pk)
t
1
t2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com