Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJP1CS08DWT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP1CS08DWT
Description  1250V - 200A - IGBT Application: Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS08DWT Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP1CS08DWT Datasheet HTML 1Page - Renesas Technology Corp RJP1CS08DWT Datasheet HTML 2Page - Renesas Technology Corp RJP1CS08DWT Datasheet HTML 3Page - Renesas Technology Corp RJP1CS08DWT Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJP1CS08DWT / RJP1CS08DWA
R07DS0831EJ0300 Rev.3.00
Page 3 of 3
Oct 20, 2014
Die Dimension
Unit: mm
Illustration
Part of white
Part of dotted line
Part of gray
Note 1.
Note 2.
The back of the chip is processed with Au evaporation.
Note 3.
Recognition, target and any other patterns which are not related to
IGBT operation, may be changed without notice.
Definition
Al pattern
Bonding area
Final passivation
11.9
10.25
1.31
8.88
Emitter bonding pad (1)
Emitter bonding pad (4)
Emitter bonding pad (3)
Emitter bonding pad (2)
Gate
bonding pad
Ordering Information
Orderable Part Number
RJP1CS08DWA-80#W0
RJP1CS08DWT-80#X0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com