Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3500 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3500
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3500 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3500_15 Datasheet HTML 15Page - Analog Devices ADP3500_15 Datasheet HTML 16Page - Analog Devices ADP3500_15 Datasheet HTML 17Page - Analog Devices ADP3500_15 Datasheet HTML 18Page - Analog Devices ADP3500_15 Datasheet HTML 19Page - Analog Devices ADP3500_15 Datasheet HTML 20Page - Analog Devices ADP3500_15 Datasheet HTML 21Page - Analog Devices ADP3500_15 Datasheet HTML 22Page - Analog Devices ADP3500_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 19 -
tCKS
200
nS
CLK set-up time
tCSS
400
nS
CS set-up time
tCKH
400
nS
CLK “High” Duration
tCKL
400
nS
CLK “Low” Duration
tCSH
500
nS
CS hold time
tCSR
62
µS
CS recovery time
tDS
200
nS
Input data set-up time
tDH
200
nS
Input data hold time
tRD
300
nS
Data output delay time
tRZ
300
nS
Data output floating time
tCSZ
300
nS
Data output floating time after CS goes low.
2.2.1. Function block
ADP3500 integrates the serial bus interface for easy communication with the system. The data bus consists of three wires,
CLK, CS, and DATA, and is capable of Serial to Parallel / Parallel to Serial conversion of data, as well as clock transfer.
Serial To Parallel
Conversion
Parallel to Serial
Conversion
Creation of
write Data
sp_data [7:0]
write_enable
sp_addr [5:0]
ps_data [7:0]
Synchlonization
and Data Selection
DATA
RW_SEL
resetin_n
CS
CLKIN
DATAIN
Figure 10. Serial Interface block diagram
Serial interface block works during the time period at CS signal enable. After the falling edge of CLKIN signal right after the
rising edge of CS signal, Address, transfer control signal and write data are held in sequentially. In case DATA READ, each of
data will be prepared by rising edge of CLKIN and baseband chip may want to read or latch the data at falling edge of CLKIN.
While CS is not asserted, CLKIN is ignored. If CS goes “L” while CLKIN is continuously applied or input DATA, all data is
canceled and DATA line would be High impedance. In this case, user needs to input the data again. Please note that CLKIN
should be stayed “L” when CS goes H. RTC counter registers should be accessed at a certain time (>62
µS) later after CS
assertion. Asserting RESETIN_N (RESETIN-) signal resets the block..
Notes:
•
CLKIN=10KHz to 1MHz, 20/80% duty cycle.
•
CLKIN should be “L” when CS goes “H”.
•
In case of RTC counter access, the access should be approximately 62
µS, (2 clock cycles of CLK32K) after the CS signal
is asserted, to hold the RTC value.
•
The CS should not be asserted for 62
µS, (2 clock cycles of CLK32K) after the CS is released.
•
CS signal should never be asserted for 1 sec or longer, otherwise RTC counter makes error.
2.2.2 Data input/output timing
Address(6bit)
R/W(2bit)
Read DATA(8bit)
4
3
2
1
0
5
1
0
7
6
5
4
3
2
1
0
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com