Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6160IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6160IB
Description  InfiniBand 12V Bulk and 5V Auxiliary Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6160IB Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6160IB Datasheet HTML 1Page - Intersil Corporation ISL6160IB Datasheet HTML 2Page - Intersil Corporation ISL6160IB Datasheet HTML 3Page - Intersil Corporation ISL6160IB Datasheet HTML 4Page - Intersil Corporation ISL6160IB Datasheet HTML 5Page - Intersil Corporation ISL6160IB Datasheet HTML 6Page - Intersil Corporation ISL6160IB Datasheet HTML 7Page - Intersil Corporation ISL6160IB Datasheet HTML 8Page - Intersil Corporation ISL6160IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Simplified Block Diagram
VA_FLTn
VA_OUT
NC
+
-
ISET
ISEN
GATE
VB_RET
VB_IN
CTIM
DC-DC EN
VB_ON
CLIM
WOCLIM
ENABLE
OC
10
µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VB
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20
µA
7.5K
+
-
+
-
20
µA
Q-PUMP
VA CURRENT AND TEMP.
POR
MONITORING, GATE AND
OUTPUT CONTROL
LOGIC
VA_RET
VA_IN
VA_ENn
ISL6160



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com