Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6505AEVAL2 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6505AEVAL2
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6505AEVAL2 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6505AEVAL2 Datasheet HTML 9Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 10Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 11Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 12Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 13Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 14Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 15Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 16Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
The output voltage drop is heavily dependent on the ESR
(equivalent series resistance) of the output capacitor bank,
the choice of capacitors should be such as to maintain the
output voltage above the lowest allowable regulation level.
Input Capacitors Selection
The input capacitors for an ISL6505 application must have a
sufficiently low ESR so as not to allow the input voltage to
dip excessively when energy is transferred to the output
capacitors. If the ATX supply does not meet the
specifications, certain imbalances between the ATX’s
outputs and the ISL6505’s regulation levels could have as a
result a brisk transfer of energy from the input capacitors to
the supplied outputs. At the transition between active and
sleep states, such phenomena could be responsible for the
5VSB voltage drooping excessively and affecting the output
regulation. The solution to such a potential problem is using
larger input capacitors with a lower total combined ESR.
Transistor Selection/Considerations
The ISL6505 usually requires one P-Channel (or bipolar
PNP), three N-Channel MOSFETs, and one bipolar NPN
transistors. Note there is no Q1 listed below.
One important criteria for selection of transistors for all the
linear regulators/switching elements is package selection for
efficient removal of heat.
The power dissipated in a linear regulator or an ON/OFF
switching element is
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q2
The NPN transistor used as sleep state pass element on the
3.3VDUAL output has to have a minimum current gain of 100
at 1.5V VCE and 650mA ICE throughout the in-circuit
operating temperature range. For larger current ratings on
the 3.3VDUAL output (providing the ATX 5VSB output rating
is equally extended), selection criteria for Q2 include an
appropriate current gain (hfe) and saturation characteristics.
Q3, Q5
These NMOS FETs are used to switch the 3.3V and 5V inputs
provided by the ATX supply into the 3.3VDUAL/3.3VSB and
5VDUAL outputs while in active (S0, S1) state. The main
criteria for the selection of these transistors is output voltage
budgeting. The maximum rDS(ON) allowed at highest junction
temperature can be expressed with the following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
Q4
If a PMOS FET is used to switch the 5VSB output of the ATX
supply into the 5VDUAL output during sleep states, then the
selection criteria of this device is proper voltage budgeting.
The maximum rDS(ON), however, has to be achieved with
only 4.5V of gate-to-source voltage, so a logic level
MOSFET needs to be selected. If a PNP device is chosen to
perform this function, it has to have a low- saturation voltage
while providing the maximum sleep current and have a
current gain sufficiently high to be saturated using the
minimum drive current (typically 20mA).
Q6
This NMOS FET acts as the pass transistor for the VOUT1
output. The input voltage to the source comes from
3.3VDUAL/3.3VSB; the output is expected to be in the 1.2V
to 1.5V range, depending upon the external resistor divider.
The power dissipation will (3.3V - VOUT1) * IOUT1, so the
FET selection and mounting technique must be sufficient for
that case.
In addition, Q6 must have a sufficiently low gate threshold
voltage. The DR1 gate driver maximum voltage is limited to
a VBE below the 5V supply (5VSB pin), which itself can be
as low as 4.5V. So the maximum driver voltage can be 3.8V
(or even a few tenths of a volt lower, considering
temperature effects of the VBE drop). If the output voltage is
1.5V, then only 2.3V is available for the gate threshold, plus
any overdrive needed to get the required output current out
while close to the threshold. So a FET gate threshold voltage
well below 2V is recommended.
Although the design intended to use a low threshold voltage
FET for Q6, it is possible to use an NPN. The DR1 driver is
rated at 10mA nominal, but the driver will only supply the
current that is needed, up to 50mA; in that sense, it is more
of a maximum spec. That means an NPN with a gain of 100
could deliver up to 1.0A, for example. The additional base
current will come from the 5VSB pin, which adds some IC
power dissipation, and may take away current needed
elsewhere; it may also draw the extra current during sleep
modes. But the NPN can be used, and it should be stable,
using the same considerations for a FET.
The LAN pin determines the timing and the on state of the
regulator; when LAN is high (5V) or open, VOUT1 stays on all
of the time. The input current comes from 3.3VDUAL/3.3VSB,
which indirectly comes from 3V3 during active modes, and
from the 3.3VSB regulator (which ultimately comes from
5VSB); thus, the VOUT1 current is limited in sleep mode to
whatever current the 5VSB has left, after all other currents
are accounted for. The current in active mode can be higher,
limited mainly by the dissipation of the FET.
When the LAN pin is low, then VOUT1 is on only during
active states, where the input voltage is ultimately 3V3. So
again, the current is limited mainly by the dissipation of the
FET.
P
LINEAR
I
O
V
IN
V
OUT
–
()
×
=
r
DS ON
()max
V
INmin
V
OUTmin
–
I
OUTmax
---------------------------------------------------
=
ISL6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com