Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6558CBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6558CBZ
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558CBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6558CBZ Datasheet HTML 1Page - Intersil Corporation ISL6558CBZ Datasheet HTML 2Page - Intersil Corporation ISL6558CBZ Datasheet HTML 3Page - Intersil Corporation ISL6558CBZ Datasheet HTML 4Page - Intersil Corporation ISL6558CBZ Datasheet HTML 5Page - Intersil Corporation ISL6558CBZ Datasheet HTML 6Page - Intersil Corporation ISL6558CBZ Datasheet HTML 7Page - Intersil Corporation ISL6558CBZ Datasheet HTML 8Page - Intersil Corporation ISL6558CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN9027.12
June 21, 2005
Ordering Information
PART NUMBER
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6558CB
0 to 70
16 Ld SOIC
M16.15
ISL6558CB-T
16 Ld SOIC Tape and Reel
M16.15
ISL6558CBZ
(See Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
ISL6558CBZA
(Note)
0 to 70
16 Ld SOIC (Pb-free)
M16.15
ISL6558CBZA-T
(Note)
16 Ld SOIC Tape and Reel (Pb-free)
M16.15
ISL6558CR
0 to 70
20 Ld 5x5 QFN
L20.5x5
ISL6558CR-T
20 Ld 5x5 QFN Tape and Reel
L20.5x5
ISL6558CRZ
(Note)
0 to 70
20 Ld 5x5 QFN (Pb-free)
L20.5x5
ISL6558CRZ-T
(Note)
20 Ld 5x5 QFN Tape and Reel
(Pb-free)
L20.5x5
ISL6558CRZA
(Note)
0 to 70
20 Ld 5x5 QFN (Pb-free)
L20.5x5
ISL6558CRZA-T
(Note)
20 Ld 5x5 QFN Tape and Reel
(Pb-free)
L20.5x5
ISL6558IB
-40 to 85 16 Ld SOIC
M16.15
ISL6558IB-T
16 Ld SOIC Tape and Reel
M16.15
ISL6558IBZ
(See Note)
-40 to 85 16 Ld SOIC
(Pb-free)
M16.15
ISL6558IBZ-T
(See Note)
16 Ld SOIC Tape and Reel
(Pb-free)
M16.15
ISL6558IBZA
(See Note)
-40 to 85 16 Ld SOIC
(Pb-free)
M16.15
ISL6558IBZA-T
(See Note)
16 Ld SOIC Tape and Reel
(Pb-free)
M16.15
ISL6558IR
-40 to 85 20 Ld 5x5 QFN
L20.5x5
ISL6558IR-T
20 Ld 5x5 QFN Tape and Reel
L20.5x5
ISL6558IRZ
(Note)
-40 to 85 20 Ld 5x5 QFN (Pb-free)
L20.5x5
ISL6558IRZ-T
(Note)
20 Ld 5x5 QFN Tape and Reel
(Pb-free)
L20.5x5
ISL6558IRZA
(See Note)
-40 to 85 20 Ld 5x5 QFN (Pb-free)
L20.5x5
ISL6558IRZA-T
(See Note)
20 Ld 5x5 QFN Tape and Reel
(Pb-free)
L20.5x5
ISL6558EVAL1
Evaluation Platform 1 (SOIC Package,
ISL6558CB + HIP6601BCB)
ISL6558EVAL2
Evaluation Platform 2 (QFN Package,
ISL6558CR + ISL6605CR)
NOTE: ntersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL6558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16