Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD14N05LSM Datasheet(PDF) 5 Page - Intersil Corporation

Part # RFD14N05LSM
Description  14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD14N05LSM Datasheet(HTML) 5 Page - Intersil Corporation

  RFD14N05LSM Datasheet HTML 1Page - Intersil Corporation RFD14N05LSM Datasheet HTML 2Page - Intersil Corporation RFD14N05LSM Datasheet HTML 3Page - Intersil Corporation RFD14N05LSM Datasheet HTML 4Page - Intersil Corporation RFD14N05LSM Datasheet HTML 5Page - Intersil Corporation RFD14N05LSM Datasheet HTML 6Page - Intersil Corporation RFD14N05LSM Datasheet HTML 7Page - Intersil Corporation RFD14N05LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-139
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 13. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 14. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260,
FIGURE 15. TRANSCONDUCTANCE vs DRAIN CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
-80
-40
0
40
80
120
160
0
0.5
1.0
1.5
2.0
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS, ID = 250µA
2.0
1.5
1.0
0.5
0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
ID = 250µA
800
200
0
0
5
10
15
20
25
400
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
600
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
40
30
20
10
0
20
I
G REF
()
I
G ACT
()
-------------------------
t, TIME (
µs)
80
I
G REF
()
I
GACT
()
-------------------------
5
3
2
1
0
VDD = BVDSS
VDD = BVDSS
RL = 3.57Ω
IG(REF) = 0.4mA
VGS = 5V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
50
4
RFD14N05L, RFD14N05LSM, RFP14N05L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com