Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD4N06LSM Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFD4N06LSM
Description  4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD4N06LSM Datasheet(HTML) 4 Page - Intersil Corporation

  RFD4N06LSM Datasheet HTML 1Page - Intersil Corporation RFD4N06LSM Datasheet HTML 2Page - Intersil Corporation RFD4N06LSM Datasheet HTML 3Page - Intersil Corporation RFD4N06LSM Datasheet HTML 4Page - Intersil Corporation RFD4N06LSM Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-192
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
2
1.5
1
0.5
VGS = 5V, ID = 2A
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
2
1.5
1
0.5
VGS = VDS, ID = 250µA
0
1020304050
300
400
0
100
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
60
45
30
15
0
10
8
6
4
2
0
GATE SOURCE
VOLTAGE
RL = 4Ω
IG(REF) = 0.5mA
VGS = 5V
DRAIN SOURCE VOLTAGE
0.75BVDSS
0.50BVDSS
0.25BVDSS
IG(REF)
IG(ACT)
20
IG(REF)
IG(ACT)
80
t, TIME (
µs)
VDD = BVDSS
VDD = BVDSS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
RFD4N06L, RFD4N06LSM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com