Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10368ASP Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F10368ASP
Description  RENESAS MCU
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10368ASP Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F10368ASP Datasheet HTML 92Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 93Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 94Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 95Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 96Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 97Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 98Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 99Page - Renesas Technology Corp R5F10368ASP Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
RL78/G12
3. ELECTRICAL SPECIFICATIONS (G: TA =
−40 to +105°C)
R01DS0193EJ0200 Rev.2.00
Sep 06, 2013
Page 96 of 106
Notes 1.
Excludes quantization error (
±1/2 LSB).
2.
This value is indicated as a ratio (%FSR) to the full-scale value.
3.
When AVREFP < VDD, the MAX. values are as follows.
Overall error: Add
±1.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
±0.05%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/ Differential linearity error: Add
±0.5 LSB to the MAX. value when AVREFP = VDD.
4.
Refer to 3.6.2 Temperature sensor/internal reference voltage characteristics.
(2) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
−) = AVREFM/ANI1
(ADREFM = 1), target pin: ANI16 to ANI22
(TA =
−40 to +105°C, 2.4 V ≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference voltage (−) =
AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall error
Note 1
AINL
10-bit resolution
AVREFP = VDD
Note 3
1.2
±5.0
LSB
Conversion time
tCONV
10-bit resolution
Target ANI pin: ANI16 to ANI22
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
μs
2.4 V
≤ VDD ≤ 5.5 V
17
39
μs
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
Note 3
±0.35
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
Note 3
±0.35
%FSR
Integral linearity error
Note 1
ILE
10-bit resolution
AVREFP = VDD
Note 3
±3.5
LSB
Differential linearity
error
Note 1
DLE
10-bit resolution
AVREFP = VDD
Note 3
±2.0
LSB
Analog input voltage
VAIN
ANI16 to ANI22
0
AVREFP
and VDD
V
Notes 1.
Excludes quantization error (
±1/2 LSB).
2.
This value is indicated as a ratio (%FSR) to the full-scale value.
3.
When AVREFP
≤ VDD, the MAX. values are as follows.
Overall error: Add
±4.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
±0.20%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/ Differential linearity error: Add
±2.0 LSB to the MAX. value when AVREFP = VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com