Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS34AF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS34AF
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS34AF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS34AF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS34AF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SS34AF (KS34AF)
Features
For surface mounted applications
Reverse Voltage 45V
Low power loss, high efficiency
High forward surge current capability
Forward Current 3.0A
SMAF
1.0 (min)
Unit:mm
1.60
1.80
Recommended
Land Pattern
2.20
1
2
Cathode
Anode
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
45
RMS Voltage
VRMS
31.5
Maximum DC Blocking Voltage
VDC
45
Forward Voltage @ IF=2A
VF
0.7
Averaged Forward Current.
IFAV
3
Peak Forward Surge Current @ 8.3ms
IFSM
80
Maximum DC Reverse Current Ta=25℃
0.5
Ta=100℃
10
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 to 150
IR
V
A
mA
Marking
Marking
SS34A
1.3 (max)
4.90 (max)
4.40 (min)
3.70 (max)
3.30 (min)


Similar Part No. - SS34AF

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS34AF JUXING-SS34AF Datasheet
630Kb / 3P
Surface Mount Schottky Rectifiers
logo
Xian Semipower Electron...
SS34AF SEMIPOWER-SS34AF Datasheet
127Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
SS34AF YFWDIODE-SS34AF Datasheet
424Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Shanghai Yint Electroni...
SS34AF YINT-SS34AF Datasheet
482Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
FutureWafer Tech Co.,Lt...
SS34AF FUTUREWAFER-SS34AF Datasheet
1Mb / 14P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS34AF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com