Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52B2V2 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZT52B2V2
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZT52B2V2 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BZT52B2V2 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZT52B2V2 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BZT52B2V2 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Zener Diodes
BZT52B Series (KZT52B Series)
■
Electrical Characteristics Ta = 25℃
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
BZT52B16
16VB
15.68
16
16.32
5
40
1
188
0.045
11.2
BZT52B18
18VB
17.64
18
18.36
5
45
1
212
0.045
12.6
BZT52B20
20VB
19.60
20
20.40
5
55
1
212
0.045
14.0
BZT52B22
22VB
21.56
22
22.44
5
55
1
235
0.045
15.4
BZT52B24
24VB
23.52
24
24.48
5
70
1
235
0.045
16.8
BZT52B27
27VB
26.46
27
27.54
2
80
0.5
282
0.045
18.9
BZT52B30
30VB
29.40
30
30.60
2
80
0.5
282
0.045
21.0
BZT52B33
33VB
32.34
33
33.66
2
80
0.5
306
0.045
23.0
BZT52B36
36VB
35.28
36
36.72
2
90
0.5
329
0.045
25.2
BZT52B39
39VB
38.22
39
39.78
2
130
0.5
329
0.045
27.3
BZT52B43
43VB
42.14
43
43.86
2
150
0.5
353
0.045
30.1
BZT52B47
47VB
46.06
47
47.94
2
170
0.5
353
0.045
33.0
BZT52B51
51VB
49.98
51
52.02
2
180
0.5
376
0.045
35.7
BZT52B56
56VB
54.88
56
57.12
2
200
0.5
400
0.045
39.2
BZT52B62
62VB
60.76
62
63.24
2
215
0.5
423
0.045
43.4
BZT52B68
68VB
66.64
68
69.36
2
240
0.5
447
0.045
47.6
BZT52B75
75VB
73.50
75
76.50
2
255
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (
VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (
IZT or IZK) is superimposed to IZT or IZK.
■
Typical Characterisitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com