Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8413AT/883C Datasheet(PDF) 18 Page - Analog Devices

Part # DAC8413AT/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413AT/883C Datasheet(HTML) 18 Page - Analog Devices

Back Button DAC8413AT/883C Datasheet HTML 12Page - Analog Devices DAC8413AT/883C Datasheet HTML 13Page - Analog Devices DAC8413AT/883C Datasheet HTML 14Page - Analog Devices DAC8413AT/883C Datasheet HTML 15Page - Analog Devices DAC8413AT/883C Datasheet HTML 16Page - Analog Devices DAC8413AT/883C Datasheet HTML 17Page - Analog Devices DAC8413AT/883C Datasheet HTML 18Page - Analog Devices DAC8413AT/883C Datasheet HTML 19Page - Analog Devices DAC8413AT/883C Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 18 of 20
OUTLINE DIMENSIONS
1
28
5
11
18
BOTTON
VIEW
19
25
26
4
12
0.15 (3.81)
REF
0.075
(1.91)
REF
0.028 (0.71)
0.022 (0.56)
0.300 (7.62)
REF
0.055 (1.40)
0.045 (1.14)
0.075 (1.91)
REF
0.020 (0.51)
MIN
0.05 (1.27)
0.095 (2.41)
0.075 (1.90)
0.458 (11.63)
0.442 (11.23)
SQ
0.458
(11.63)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 43. 28-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-28-1)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE LEADS.
COMPLIANT TO JEDEC STANDARDS MS-011
0.100 (2.54)
BSC
1.565 (39.75)
1.380 (35.05)
0.580 (14.73)
0.485 (12.31)
0.022 (0.56)
0.014 (0.36)
0.200 (5.08)
0.115 (2.92)
0.070 (1.78)
0.050 (1.27)
0.250 (6.35)
MAX
SEATING
PLANE
0.015
(0.38)
MIN
0.005 (0.13)
MIN
0.700 (17.78)
MAX
0.015 (0.38)
0.008 (0.20)
0.625 (15.88)
0.600 (15.24)
0.015 (0.38)
GAUGE
PLANE
0.195 (4.95)
0.125 (3.17)
28
114
15
Figure 44. 28-Lead Plastic Dual In-Line Package [PDIP]
Wide Body
(N-28-2)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com