Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8413BTC/883C Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8413BTC/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413BTC/883C Datasheet(HTML) 1 Page - Analog Devices

  DAC8413BTC/883C Datasheet HTML 1Page - Analog Devices DAC8413BTC/883C Datasheet HTML 2Page - Analog Devices DAC8413BTC/883C Datasheet HTML 3Page - Analog Devices DAC8413BTC/883C Datasheet HTML 4Page - Analog Devices DAC8413BTC/883C Datasheet HTML 5Page - Analog Devices DAC8413BTC/883C Datasheet HTML 6Page - Analog Devices DAC8413BTC/883C Datasheet HTML 7Page - Analog Devices DAC8413BTC/883C Datasheet HTML 8Page - Analog Devices DAC8413BTC/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Quad, 12-Bit DAC
Voltage Output with Readback
Data Sheet
DAC8412/DAC8413
FEATURES
+5 V to ±15 V operation
Unipolar or bipolar operation
True voltage output
Double-buffered inputs
Reset to minimum (DAC8413) or center scale (DAC8412)
Fast bus access time
Readback
APPLICATIONS
Automatic test equipment
Digitally controlled calibration
Servo controls
Process control equipment
FUNCTIONAL BLOCK DIAGRAM
DGND
A0
A1
CS
RESET
LDAC
12
I/O
PORT
CONTROL
LOGIC
DATA
I/O
R/W
INPUT
REG A
INPUT
REG B
INPUT
REG C
INPUT
REG D
OUTPUT
REG A
OUTPUT
REG B
OUTPUT
REG C
OUTPUT
REG D
DAC A
DAC B
DAC C
DAC D
VLOGIC
VDD VREFH
VREFL VSS
VOUTA
VOUTB
VOUTC
VOUTD
Figure 1.
GENERAL DESCRIPTION
The DAC8412/DAC8413 are quad, 12-bit voltage output
DACs with readback capability. Built using a complementary
BiCMOS process, these monolithic DACs offer the user very
high package density.
Output voltage swing is set by the two reference inputs VREFH
and VREFL. By setting the VREFL input to 0 V and VREFH to a
positive voltage, the DAC provides a unipolar positive output
range. A similar configuration with VREFH at 0 V and VREFL at a
negative voltage provides a unipolar negative output range.
Bipolar outputs are configured by connecting both VREFH and
VREFL to nonzero voltages. This method of setting output voltage
range has advantages over other bipolar offsetting methods
because it is not dependent on internal and external resistors
with different temperature coefficients.
Digital controls allow the user to load or read back data from any
DAC, load any DAC, and transfer data to all DACs at one time.
An active low RESET loads all DAC output registers to midscale
for the DAC8412 and zero scale for the DAC8413.
The DAC8412/DAC8413 are available in 28-lead plastic DIP,
28-lead ceramic DIP, 28-lead PLCC, and 28-lead LCC packages.
They can be operated from a wide variety of supply and reference
voltages with supplies ranging from single +5 V to ±15 V, and
references from +2.5 V to ±10 V. Power dissipation is less than
330 mW with ±15 V supplies and only 60 mW with a +5 V supply.
For MIL-STD-883 applications, contact your local Analog
Devices, Inc. sales office for the DAC8412/DAC8413/883 data
sheet, which specifies operation over the −55°C to +125°C
temperature range. All 883 parts are also available on Standard
Military Drawings 5962-91 76401MXA through 76404M3A.
DIGITAL INPUT CODE (Decimal)
0.500
0.125
512
0.375
–0.125
–0.250
–0.375
–0.500
0.250
0
+125°C
+25°C
–55°C
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = –55°C, +25°C, +125°C
1024
1536
2046
2548
2560
3072
4096
0
Figure 2. INL vs. Code Over Temperature
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2000–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - DAC8413BTC/883C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8413BTC/883 AD-DAC8413BTC/883 Datasheet
443Kb / 14P
Quad, 12-Bit DAC Voltage Output with Readback
REV.D
More results

Similar Description - DAC8413BTC/883C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
Quad, 12-Bit DAC Voltage Output with Readback
REV.D
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com