Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25C320G Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25C320G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C320G Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25C320G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C320G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ACE25C320G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
1
Description
The ACE25C320G (32M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and
supports the Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI),I/O1 (SO), I/O2 (WP#),
and I/O3 (HOLD#). The Dual I/O data is transferred with speed of 240Mbits/s and the Quad I/O &
Quad output data is transferred with speed of 432Mbits/s.
Features
 32M-bit Serial Flash
-4096K-byte
-256 bytes per programmable page
 Standard, Dual, Quad SPI
-Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
-Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
-Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
 High Speed Clock Frequency
-108MHz for fast read with load
-Dual I/O Data transfer up to 216Mbits/s
-Quad I/O Data transfer up to 432Mbits/s
 Software/Hardware Write Protection
-Write protect all/portion of memory via software
-Enable/Disable protection with WP# Pin
-Top or Bottom, Sector or Block selection
 Minimum 100,000 Program/Erase Cycles
 Program/Erase Speed
-Page Program time: 0.7ms typical
-Sector Erase time: 100ms typical
-Block Erase time: 0.2/0.4s typical
-Chip Erase time: 20s typical
 Flexible Architecture
-Sector of 4K-byte
-Block of 32/64k-byte
 Low Power Consumption
-20mA maximum active current
-5uA maximum power down current
 Advanced security Features(1)
-3*256-Byte Security Registers With OTP Lock
 Voltage, Temperature Range
-Full voltage range: 2.7~3.6V
-40℃ to 85℃ operating range


Similar Part No. - ACE25C320G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C100G ACE-ACE25C100G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.4
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
ACE25C200 ACE-ACE25C200 Datasheet
1Mb / 32P
2MB Serial Flash Memory
VER 1.2
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25C400 ACE-ACE25C400 Datasheet
1Mb / 31P
4MB Serial Flash Memory
VER 1.2
More results

Similar Description - ACE25C320G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
ACE25C100G ACE-ACE25C100G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.4
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
Uniform Sector Dual and Quad Serial Flash
GD25VE32C GIGADEVICE-GD25VE32C Datasheet
1Mb / 63P
Uniform Sector Dual and Quad Serial Flash
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
Uniform Sector Dual and Quad Serial Flash
GD25VQ20C GIGADEVICE-GD25VQ20C Datasheet
1Mb / 56P
Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com