Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5752 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5752 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5752 Datasheet HTML 1Page - California Eastern Labs 2SC5752 Datasheet HTML 2Page - California Eastern Labs 2SC5752 Datasheet HTML 3Page - California Eastern Labs 2SC5752 Datasheet HTML 4Page - California Eastern Labs 2SC5752 Datasheet HTML 5Page - California Eastern Labs 2SC5752 Datasheet HTML 6Page - California Eastern Labs 2SC5752 Datasheet HTML 7Page - California Eastern Labs 2SC5752 Datasheet HTML 8Page - California Eastern Labs 2SC5752 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Data Sheet P15658EJ1V0DS
2
NE67818 / 2SC5752
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction to Ambient Resistance
Rth j-aNote
610
°
C/W
Note Mounted on 1.08 cm2 × 1.0 mm (t) glass epoxy PCB
ELECTRICAL CHARACTERISTICS (TA = +25°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0 mA
100
nA
Emitter Cut-off Current
IEBO
VBE = 1 V, IC = 0 mA
100
nA
DC Current Gain
hFENote1 VCE = 3 V, IC = 30 mA
75
120
150
RF Characteristics
Gain Bandwidth Product
fT
VCE = 3 V, IC = 30 mA, f = 2 GHz
12.0
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 30 mA, f = 2 GHz
8.0
10.0
dB
F
N
e
r
u
gi
F
e
si
o
N
VCE = 3 V, IC = 7 mA, f = 2 GHz,
ZS = Zopt
1.7
2.5
dB
Reverse Transfer Capacitance
CreNote2 VCB = 3 V, IE = 0 mA, f = 1 MHz
0.46
0.7
pF
Maximum Available Power Gain
MAGNote3 VCE = 3 V, IC = 30 mA, f = 2 GHz
13.0
dB
G
ni
a
G
r
a
e
ni
L
L
VCE = 2.8 V, ICq = 10 mA, f = 1.8 GHz,
Pin = −5 dBm
12.5
dB
Gain 1 dB Compression Output Power PO (1 dB) VCE = 2.8 V, ICq = 10 mA, f = 1.8 GHz,
Pin = 7 dBm
18.0
dBm
Collector Efficiency
ηC
VCE = 2.8 V, ICq = 10 mA, f = 1.8 GHz,
Pin = 7 dBm
55
%
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
3. MAG =
hFE CLASSIFICATION
Rank
FB
Marking
R55
hFE Value
75 to 150
(K – √√√√ (K2 – 1) )
S21
S12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com