Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2402 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2402
Description  Dual Audio Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2402 Datasheet(HTML) 2 Page - Analog Devices

  SSM2402_15 Datasheet HTML 1Page - Analog Devices SSM2402_15 Datasheet HTML 2Page - Analog Devices SSM2402_15 Datasheet HTML 3Page - Analog Devices SSM2402_15 Datasheet HTML 4Page - Analog Devices SSM2402_15 Datasheet HTML 5Page - Analog Devices SSM2402_15 Datasheet HTML 6Page - Analog Devices SSM2402_15 Datasheet HTML 7Page - Analog Devices SSM2402_15 Datasheet HTML 8Page - Analog Devices SSM2402_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
SSM2402/SSM2412–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
SSM2402/SSM2412
Parameter
Symbol
Conditions
Min
Typ
Max
Units
POSITIVE SUPPLY CURRENT
+ISY
VIL = 0.8 V, 2.0 V
1
6.0
7.5
mA
NEGATIVE SUPPLY CURRENT
–ISY
VIL = 0.8 V, 2.0 V
1
4.8
6.0
mA
GROUND CURRENT
IGND
VIL = 0.8 V, 2.0 V
1
0.6
1.5
mA
DIGITAL INPUT HIGH
VINH
TA = Full Temperature Range
20
V
DIGITAL INPUT LOW
VINL
TA = Full Temperature Range
0.8
V
LOGIC INPUT CURRENT
ILOGIC
VIN = 0 V to 15 V
2
1.0
5.0
µA
ANALOG VOLTAGE RANGE
3
VANALOG
–14.2
+14.2 V
ANALOG CURRENT RANGE
3
IANALOG
–10
+10
mA
OVERVOLTAGE INPUT CURRENT
VIN =
±V
SUPPLY
±40
mA
SWITCH ON RESISTANCE
RON
–14.2 V
≤ V
A ≤ +14.2 V
IA = ± 10 mA, VIL = 2.0 V
TA = +25°C60
85
Ω
TA = Full Temperature Range
115
Ω
Tempco (
∆R
ON/∆T)
0.2
Ω/°C
RON MATCH
RON MATCH
–14.2 V
≤ V
A ≤ +14.2 V
1
5
%
IA = ± 10 mA, VIL = 2.0 V
SWITCH ON LEAKAGE CURRENT
IS(ON)
VIL = 2.0 V
–14.2 V
≤ V
A
≤ +14.2 V
0.05
1.0
µA
VA = 0 V
0.05
10.0
nA
SWITCH OFF LEAKAGE CURRENT
IS(OFF)
VIL = 0.8 V
–14.2 V
≤ V
A ≤ +14.2 V
0.05
1.0
µA
VA = 0 V
0.05
10.0
nA
TURN-ON TIME
4
tON
VA = +10 V, RL = 2 kΩ
SSM2402
10.0
ms
TA = +25°C, See Test Circuit
SSM2412
3.5
TURN-OFF TIME
5
tOFF
VA = +10 V, RL = 2 kΩ
SSM2402
4.0
ms
TA = +25°C, See Test Circuit
SSM2412
1.5
BREAK-BEFORE-MAKE
tOFF–tON
TA = +25°C
SSM2402
6.0
ms
TIME DELAY
6
SSM2412
2.0
CHARGE INJECTION
Q
TA = +25°C
SSM2402
50
pC
SSM2412
150
ON-STATE INPUT
CS(ON)
VA = 1 V rms
12
pF
CAPACITANCE
f = 5 kHz, TA = +25°C
OFF-STATE INPUT
CS(OFF)
VA = 1 V rms
4
pF
CAPACITANCE
f = 5 kHz, TA = +25°C
OFF ISOLATION
ISO(OFF)
VA = 10 V rms, 20 Hz to 20 kHz
120
dB
TA = +25°C, See Test Circuit
CHANNEL-TO-CHANNEL
CT
VA = 10 V rms, 20 Hz to 20 kHz
96
dB
CROSSTALK
TA = +25°C
TOTAL HARMONIC
THD
0 V to 10 V rms, 20 Hz to 20 kHz
0.003 0.01
%
DISTORTION
7
TA = +25°C, RL = 5 kΩ
SPECTRAL NOISE DENSITY
en
20 Hz to 20 kHz, TA = +25°C
1
nV/
√Hz
WIDEBAND NOISE DENSITY
en p-p
20 Hz to 20 kHz, TA = +25°C
0.2
µV p-p
NOTES
1“V
IL” is the Logic Control Input.
2Current tested at V
IN = 0 V. This is the worst case condition.
3Guaranteed by R
ON test condition.
4Turn-ON time is measured from the time the logic input reaches the 50% point to the time the output reaches 50% of the final value.
5Turn-OFF time is measured from the time the logic input reaches the 50% point to the time the output reaches 50% of the initial value.
6Switch is guaranteed by design to provide break-before-make operation.
7THD guaranteed by design and dynamic R
ON testing.
Specifications subject to change without notice.
(@ VS =
18 V, RL = OPEN, and –40 C
≤ T
A
≤ +85 C unless otherwise noted.
All specifications, tables, graphs, and application data apply to both the SSM2402 and SSM2412, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com