Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9265 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9265
Description  Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9265 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9265 Datasheet HTML 17Page - Torex Semiconductor XC9265 Datasheet HTML 18Page - Torex Semiconductor XC9265 Datasheet HTML 19Page - Torex Semiconductor XC9265 Datasheet HTML 20Page - Torex Semiconductor XC9265 Datasheet HTML 21Page - Torex Semiconductor XC9265 Datasheet HTML 22Page - Torex Semiconductor XC9265 Datasheet HTML 23Page - Torex Semiconductor XC9265 Datasheet HTML 24Page - Torex Semiconductor XC9265 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
XC9265
Series
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC9265B301
L=10μH(VLF302512M-100M),CIN=10μF(LMK107BJ106MA),
CL=22μF(JMK107BJ226MA)
VIN=3.6V
VIN=5.0V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC9265B181
L=10μH(VLF302512M-100M),CIN=10μF(LMK107BJ106MA),
CL=22μF(JMK107BJ226MA)
VIN=5.0V
VIN=2.3V
VIN=3.6V
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC9265A301
L=10μH(VLF302512M-100M),CIN=10μF(LMK107BJ106MA),
CL=22μF(JMK107BJ226MA)
VIN=5.0V,3.6V
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC9265A181
L=10μH(VLF302512M-100M),CIN=10μF(LMK107BJ106MA),
CL=22μF(JMK107BJ226MA)
VIN=5.0V,3.6V
VIN=2.3V
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
XC9265x301
VRELEASE (T) =1.8V
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
XC9265x181
VRELEASE (T) =1.8V
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) UVLO Release Voltage vs. Ambient Temperature
(8) PFM Switching Current vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com