Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5000RT3UTAA Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SM5000RT3UTAA
Description  TAA-Compliant SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM5000RT3UTAA Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SM5000RT3UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Dimensions
(hwd, in.)
5.2 x 17.5 x 22.5
UPS Power Module Dimensions
(hwd, cm)
13.3 x 44.4 x 57.2
Installed Whole System Maximum
Rack Depth (in.)
22.8
Installed Whole System Maximum
Rack Depth (cm)
57.8
Rack Height (U Spaces)
6
UPS Power Module Weight (kg)
0
UPS Dimensions Details
Includes 3U power module and 3U external battery pack
Included Battery Pack Dimensions
(hwd / in.)
5.2 x 17.5 x 22.8
Included Battery Pack Dimensions
(hwd / cm)
13.3 x 44.4 x 57.8
Included Battery Pack Weight (lbs.)
135
Included Battery Pack Weight (kg)
61.3
UPS Shipping Dimensions (hwd /
cm)
22.8 x 23 x 31.5
Shipping Weight (lbs.)
320
Shipping Weight (kg)
145.3
Cooling Method
Fans
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
868.1
Battery Mode BTU / Hr. (Full Load)
1511.1
AC Mode Efficiency Rating (100%
Load)
94%
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; Contact closure
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions; 2 USB ports, 1 DB9 serial and 1 DB9 contact
closure port (4 total)
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com