Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP15P06SLG-E1-AYNote Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP15P06SLG-E1-AYNote
Description  SWITCHING P-CHANNEL POWER MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP15P06SLG-E1-AYNote Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP15P06SLG-E1-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP15P06SLG-E1-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D19078EJ2V0DS
4
NP15P06SLG
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-10
-20
-30
-40
-50
0
-1-2
-3-4-5
VGS =
−10 V
Pulsed
−4.5 V
VDS - Drain to Source Voltage - V
-0.001
-0.01
-0.1
-1
-10
-100
0
-1-2-3
-4
-5
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
175
°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
-0.5
-1
-1.5
-2
-2.5
-3
-75
-25
25
75
125
175
225
VDS = VGS
ID =
−250 μA
Tch - Channel Temperature -
°C
0.1
1
10
100
-0.1
-1
-10
-100
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
175
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
20
40
60
80
100
120
140
160
-0.1
-1
-10
-100
−10 V
Pulsed
VGS =
−4.5 V
ID - Drain Current - A
0
20
40
60
80
100
120
140
160
0
-5
-10
-15
-20
Pulsed
ID =
−15 A
−7.5 A
−3 A
VGS - Gate to Source Voltage - V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com