Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24016ASAS0G Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R1EX24016ASAS0G
Description  Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24016ASAS0G Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R1EX24016ASAS0G Datasheet HTML 9Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 10Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 11Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 12Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 13Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 14Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 15Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 16Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
R1EX24016ASAS0G/R1EX24016ATAS0G
Random Read:
This is a read operation with defined read address. A random read requires a dummy write to set read address. The
EEPROM receives a start condition, device address word (R/W=0) and memory address 2
 8-bit sequentially. The
EEPROM outputs acknowledgment “0” after receiving memory address then enters a current address read with
receiving a start condition. The EEPROM outputs the read data of the address which was defined in the dummy write
operation. After receiving acknowledgment “1”(no acknowledgment) and a following stop condition, the EEPROM
stops the random read operation and returns to a standby state.
Random Read Operation
Note: 1. Don't care bit
Device
address
Device
address
Memory
address (n)
Read data (n)
16k
10 10
10 10
R
W
Stop
Start
Start
ACK
No ACK
ACK
R/W
ACK
R/W
Dummy write
Current address read
Sequential Read:
Sequential reads are initiated by either a current address read or a random read. If the EEPROM receives
acknowledgment “0” after 8-bit read data, the read address is incremented and the next 8-bit read data are coming out.
This operation can be continued as long as the EEPROM receives acknowledgment “0”. The address will roll over and
returns address zero if it reaches the last address of the last page. The sequential read can be continued after roll over.
The sequential read is terminated if the EEPROM receives acknowledgment “1” (no acknowledgment) and a following
stop condition.
Sequential Read Operation
Device
address
Read data (n+m)
Read data (n)
Read data (n+1) Read data (n+2)
16k
10 10
R
Stop
Start
ACK
ACK
No ACK
ACK
R/W
ACK
Note: 1. Don't care bit
R10DS0032EJ0200 Rev.2.00
Page 13 of 16
Feb. 13, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com