Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMART3000RM2UN Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART3000RM2UN
Description  SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000RM2UN Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART3000RM2UN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000RM2UN Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PHYSICAL
Included Mounting Accessory
Description
4 post rackmount installation accessories included
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND); 2-4 post front rail
rackmount (UPSHDEARKIT)
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
3.5 x 17.5 x 19.5
UPS Power Module Dimensions
(hwd, cm)
8.9 x 44.4 x 49.5
Rack Height (U Spaces)
2
UPS Power Module Weight (lbs.)
62.8
UPS Power Module Weight (kg)
28.5
UPS Shipping Dimensions (hwd / in.)
7.9 x 21.7 x 24.2
UPS Shipping Dimensions (hwd /
cm)
20.1 x 61.5 x 62
Shipping Weight (lbs.)
73.8
Shipping Weight (kg)
33.5
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
189
AC Mode Efficiency Rating (100%
Load)
98%
Operating Elevation (ft.)
0-3000m / 0-10,000 ft.
COMMUNICATIONS
Communications Interface
DB9 Serial; EPO (emergency power off); Pre-installed network card; Slot for SNMP/Web interface; USB (HID
enabled)
Network Monitoring Port Description
Includes pre-installed SNMPWEBCARD interface; Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com