Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

885053 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 885053
Description  1880 MHz BAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

885053 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  885053_15 Datasheet HTML 1Page - TriQuint Semiconductor 885053_15 Datasheet HTML 2Page - TriQuint Semiconductor 885053_15 Datasheet HTML 3Page - TriQuint Semiconductor 885053_15 Datasheet HTML 4Page - TriQuint Semiconductor 885053_15 Datasheet HTML 5Page - TriQuint Semiconductor 885053_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
885053
1880 MHz BAW Filter
Data Sheet: Rev D 09-17-2014
- 3 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
Evaluation Board
Matching Schematics
960700
1,3,4,6
2
5
50
50
Notes:
1. No impedance matching required
2. PCB: .
Top, middle & bottom layers: 1 oz copper, Substrates: FR4 dielectric, .031” thick, Finish plating: Nickel: 3-8µm
thick, Gold: .03-.2µm thick, Hole plating: Copper min .0008µm thick
Bill of Material
– 885053-EVB
Reference Des.
Value
Description
Manuf.
Part Number
U1
N/A
1880 MHz Baw Filter
TriQuint
885053
SMA
N/A
SMA connector
Radiall USA
Inc.
9602-1111-018
PCB
Multiple
960700
PCB Mounting Pattern
.96
3.20 SQ
1.27
.38
.81
1.70
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. This drawing specifies the mounting pattern used on the TriQuint
evaluation board for this product. Some modification may be necessary
to suit end user assembly materials and processes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com