Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21322MNSP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F21322MNSP
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21322MNSP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F21322MNSP Datasheet HTML 17Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 18Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 19Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 20Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 21Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 22Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 23Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 24Page - Renesas Technology Corp R5F21322MNSP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
R8C/32M Group
4. Special Function Registers (SFRs)
R01DS0024EJ0100 Rev.1.00
Page 21 of 53
Jun 28, 2011
Table 4.8
SFR Information (8) (1)
X: Undefined
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
01C0h
Address Match Interrupt Register 0
RMAD0
XXh
01C1h
XXh
01C2h
0000XXXXb
01C3h
Address Match Interrupt Enable Register 0
AIER0
00h
01C4h
Address Match Interrupt Register 1
RMAD1
XXh
01C5h
XXh
01C6h
0000XXXXb
01C7h
Address Match Interrupt Enable Register 1
AIER1
00h
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh
01E0h
Pull-Up Control Register 0
PUR0
00h
01E1h
Pull-Up Control Register 1
PUR1
00h
01E2h
01E3h
01E4h
01E5h
01E6h
01E7h
01E8h
01E9h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
Port P1 Drive Capacity Control Register
P1DRR
00h
01F1h
01F2h
Drive Capacity Control Register 0
DRR0
00h
01F3h
Drive Capacity Control Register 1
DRR1
00h
01F4h
01F5h
Input Threshold Control Register 0
VLT0
00h
01F6h
Input Threshold Control Register 1
VLT1
00h
01F7h
01F8h
Comparator B Control Register 0
INTCMP
00h
01F9h
01FAh
External Input Enable Register 0
INTEN
00h
01FBh
01FCh
INT Input Filter Select Register 0
INTF
00h
01FDh
01FEh
Key Input Enable Register 0
KIEN
00h
01FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com