Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2136CCDFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F2136CCDFP
Description  RENESAS MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CCDFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F2136CCDFP Datasheet HTML 13Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 15Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
R8C/36C Group
3. Memory
R01DS0018EJ0110 Rev.1.10
Page 17 of 59
Nov 02, 2010
Figure 3.1
Memory Map of R8C/36C Group
0FFFFh
0FFDCh
Notes:
1. The data flash indicates block A (1 Kbyte), block B (1 Kbyte), block C (1 Kbyte), and block D (1 Kbyte).
2. The SFR areas for the DTC and other modules are allocated to addresses 02C00h to 02FFFh.
3. The blank areas are reserved and cannot be accessed by users.
Internal RAM
Size
Address 0XXXXh
1.5 Kbytes
2 Kbytes
2.5 Kbytes
4 Kbytes
6 Kbytes
8 Kbytes
10 Kbytes
009FFh
00BFFh
00DFFh
013FFh
01BFFh
023FFh
02BFFh
Part Number
Internal ROM
Size
Address 0YYYYh
R5F21364CNFP, R5F21364CDFP, R5F21364CNFA,
R5F21364CDFA, R5F21364CNFB, R5F21364CDFB,
R5F21364CNXXXFP, R5F21364CDXXXFP,
R5F21364CNXXXFA, R5F21364CDXXXFA,
R5F21364CNXXXFB, R5F21364CDXXXFB
R5F21365CNFP, R5F21365CDFP, R5F21365CNFA,
R5F21365CDFA, R5F21365CNFB, R5F21365CDFB,
R5F21365CNXXXFP, R5F21365CDXXXFP,
R5F21365CNXXXFA, R5F21365CDXXXFA,
R5F21365CNXXXFB, R5F21365CDXXXFB
R5F21366CNFP, R5F21366CDFP, R5F21366CNFA,
R5F21366CDFA, R5F21366CNFB, R5F21366CDFB,
R5F21366CNXXXFP, R5F21366CDXXXFP,
R5F21366CNXXXFA, R5F21366CDXXXFA,
R5F21366CNXXXFB, R5F21366CDXXXFB
R5F21367CNFP, R5F21367CDFP, R5F21367CNFA,
R5F21367CDFA, R5F21367CNFB, R5F21367CDFB,
R5F21367CNXXXFP, R5F21367CDXXXFP,
R5F21367CNXXXFA, R5F21367CDXXXFA,
R5F21367CNXXXFB, R5F21367CDXXXFB
R5F21368CNFP, R5F21368CDFP, R5F21368CNFA,
R5F21368CDFA, R5F21368CNFB, R5F21368CDFB,
R5F21368CNXXXFP, R5F21368CDXXXFP,
R5F21368CNXXXFA, R5F21368CDXXXFA,
R5F21368CNXXXFB, R5F21368CDXXXFB
R5F2136ACNFP, R5F2136ACDFP, R5F2136ACNFA,
R5F2136ACDFA, R5F2136ACNFB, R5F2136ACDFB,
R5F2136ACNXXXFP, R5F2136ACDXXXFP,
R5F2136ACNXXXFA, R5F2136ACDXXXFA,
R5F2136ACNXXXFB, R5F2136ACDXXXFB
R5F2136CCNFP, R5F2136CCDFP, R5F2136CCNFA,
R5F2136CCDFA, R5F2136CCNFB, R5F2136CCDFB,
R5F2136CCNXXXFP, R5F2136CCDXXXFP,
R5F2136CCNXXXFA, R5F2136CCDXXXFA,
R5F2136CCNXXXFB, R5F2136CCDXXXFB
16 Kbytes
24 Kbytes
32 Kbytes
48 Kbytes
64 Kbytes
96 Kbytes
128 Kbytes
0C000h
0A000h
08000h
04000h
04000h
04000h
04000h
Address ZZZZZh
–
–
–
–
13FFFh
1BFFFh
23FFFh
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special Function
Registers (SFRs))
02FFFh
02C00h
SFR (2)
(Refer to 4. Special Function
Registers (SFRs))
ZZZZZh
03FFFh
03000h
Internal ROM
(data flash) (1)
Internal ROM
(program ROM)
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com