Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C34U Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C34U
Description  The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C34U Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C34U_15 Datasheet HTML 35Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 36Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 37Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 38Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 39Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 40Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 41Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 42Page - Renesas Technology Corp R8C34U_15 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
R8C/34U Group, R8C/34K Group
5. Electrical Characteristics
R01DS0113EJ0110 Rev.1.10
Page 39 of 91
Jun 15, 2011
Notes:
1. VCC = 2.7 to 5.5 V and Topr =
−20 to 85 °C (N version)/-40 to 85 °C (D version), unless otherwise specified.
2. When the digital filter is disabled.
Table 5.4
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
—
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
—
VCC + 0.3
V
—
Offset
—
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
—
0.1
—
µs
ICMP
Comparator operating current
VCC = 5.0 V
—
17.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com