Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ROX5252T2 Datasheet(PDF) 1 Page - TEMEX

Part # ROX5252T2
Description  The ROX5252T2 belongs to a range of super single oven OCXOs designed as a compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

ROX5252T2 Datasheet(HTML) 1 Page - TEMEX

  ROX5252T2 Datasheet HTML 1Page - TEMEX ROX5252T2 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DISCRETE OCXO
| HIGH-END TELECOM OCXO
www.rakon.com
www.rakon.com
Page 1 of 2
ROX5252T2
The ROX5252T2 belongs to a range of super single oven OCXOs designed as a compact and smart frequency source and time keeping
reference for all synchronization systems, including precision positioning system bases equipment. These 52 x 52 mm package series of
oscillators are designed with 2 circuits: 1 circuit with the crystal enclosed in a hermetic oven and 1 circuit with the amplifier stage. This
structure enables an excellent stability versus temperature (±0.2 ppb). This high end OCXO is capable of replacing expensive Rubidium clocks
in SDH/SONET Stratum 2 applications.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
5 - 15
MHz
Standard frequencies: 10, 12.8, 13 and 15 MHz
Operating temperature range
-40
85
°C
Frequency stability over temperature
±0.2
ppb
Free-run accuracy over 20 years
±0.04
ppm
Telcordia GR-1244 requirement is ± 4.6 ppm
Supply voltage stability
±0.05
ppb
±5% at 25°C
24 hours holdover performance
±5
µs
After 3 days of continuous power on, constant
load, no supply change and 50°C window in
operating temperature range, temperature
gradient ( 10 °C / hour)
Hysteresis effect
0.1
ppb
Over -40 to +85°C, gradient 10°C / hour
Long term stability (Ageing)
±0.05
±8
±40
ppb/day
ppb/year
ppb/20 years
After 1 week operation
Short term 1s to 10s integration time
±0.002
ppb
Retrace effect at 25°C
±5
ppb
After 24 hours off and 1hour on
Supply voltage (VCC)
5
V
±5%. Other option 12V
Power consumption
8
3.5
W
W
During warm-up
Steady state at 25°C calm air
Warm-up time
±8
minutes
Within 10 ppb of prior steady state output
frequency at time of power-off. 24 hours on min.
+ 24 hours off max.
Harmonics
-40
dBc
Start-up time
1
sec
Oscillator output - Sinewave
5
9
dBm
Signal level with 50 Ω load
Oscillator output – Compatible CMOS
Output voltage level high (VOH)
Output voltage level low (VOL)
Rise & fall time
2.4
0.4
5
V
V
ns
Environmental
Vibration
Shocks (3 directions)
Storage temperature
-55
10
50
90
g
g
°C
IEC 68-2-06 test Fc-Severity 500/10
IEC 68–2-27 test Ea severity 50A
Features
Applications
52 x 52
mm
Hold over below 5 µs over 24 hours,
including temperature change
Standard frequencies: 10, 12.8, 13 and 15
MHz
2 package height : 19 mm and 25.4 mm
Stratum 2 timing modules
Time and frequency references
Wireless Base Stations
( GSM,UMTS, CDMA, LTE)
Instrumentation and Broadcasting


Similar Part No. - ROX5252T2

ManufacturerPart #DatasheetDescription
logo
TEMEX
ROX5252T1 TEMEX-ROX5252T1 Datasheet
430Kb / 2P
The ROX5252T1 is providing an ultimate frequency stability versus all operational conditions
More results

Similar Description - ROX5252T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC260 ETC-OC260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators (OCXOs)
logo
Advanced Crystal Techno...
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
logo
List of Unclassifed Man...
CFPO-DO ETC2-CFPO-DO Datasheet
61Kb / 2P
Range of Super Single Oven OCXO?셲
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
Amphenol Corporation
KU28 AMPHENOL-KU28 Datasheet
91Kb / 4P
Available as a broad range of resistances and material systems
logo
PHOENIX CONTACT
2203174 PHOENIX-2203174 Datasheet
55Kb / 2P
Item belongs to the DCS product range
2908786 PHOENIX-2908786 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959298 PHOENIX-2959298 Datasheet
56Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2959340 PHOENIX-2959340 Datasheet
50Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com