Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFY340CM Datasheet(PDF) 2 Page - International Rectifier

Part # IRFY340CM
Description  POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY340CM Datasheet(HTML) 2 Page - International Rectifier

  IRFY340CM Datasheet HTML 1Page - International Rectifier IRFY340CM Datasheet HTML 2Page - International Rectifier IRFY340CM Datasheet HTML 3Page - International Rectifier IRFY340CM Datasheet HTML 4Page - International Rectifier IRFY340CM Datasheet HTML 5Page - International Rectifier IRFY340CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
400
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.46
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
0.55
VGS = 10V, ID = 5.5A„
On-State Resistance
0.63
VGS = 10V, ID = 8.7A
VGS(th)
GateThreshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.9
S ( )VDS ≥ 15V, IDS = 5.5A „
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x max. rating,VGS = 0V
250
VDS = 0.8 x max. rating
VGS = 0V, TJ = 25°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
32
65
VGS = 10V, ID = 8.7A
Qgs
Gate-to-Source Charge
2.2
10
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
13.8
40.5
see figures 6 and 13
td(on)
Turn-On DelayTime
25
VDD = 200V, ID = 8.7A, RG = 9.1Ω
tr
Rise Time
92
VGS = 10V
td(off)
Turn-Off DelayTime
79
tf
Fall Time
58
see figure 10
LD
Internal Drain Inductance
8.7
LS
Internal Source Inductance
8.7
Ciss
Input Capacitance
1400
VGS = 0v, VDS = 25V
Coss
Output Capacitance
350
pF
f = 1.0MHz.
Crss
ReverseTransfer Capacitance
230
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC Junction-to-Case
1.25
RthJA Junction-to-Ambient
80
K/W
…
Typical socket mount
RthCS Case-to-Sink
0.21
Mounting surface flat, smooth
µA
nC
nH
ns
Measured from the drain
lead, 6mm (0.25 in.) from
package to center of die.
Measured from the
source lead, 6mm (0.25
in.) from package to
source bonding pad.
Modified MOSFET symbol
showing the internal
inductances.
nA
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
8.7
ISM
Pulse Source Current (Body Diode)

——
35
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 8.7A, VGS = 0V „
trr
Reverse RecoveryTime
600
ns
Tj = 25°C, IF = 8.7A, di/dt ≤ 100 A/µs
QRR
Reverse Recovery Charge
5.6
µC
VDD ≤ 50 V „
ton
ForwardTurn-OnTime
Intrinsic turn-on time is negligible.Turn-on speed is substantially controlled by LS + LD.
IRFY340CM Device
Modified MOSFET symbol showing the
integral reverse p-n junction rectifier.
A
see figure 5
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com